Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

198PHR-SI Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 198PHR-SI
Description  Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

198PHR-SI Datasheet(HTML) 2 Page - Vishay Siliconix

  198PHR-SI Datasheet HTML 1Page - Vishay Siliconix 198PHR-SI Datasheet HTML 2Page - Vishay Siliconix 198PHR-SI Datasheet HTML 3Page - Vishay Siliconix 198PHR-SI Datasheet HTML 4Page - Vishay Siliconix 198PHR-SI Datasheet HTML 5Page - Vishay Siliconix 198PHR-SI Datasheet HTML 6Page - Vishay Siliconix 198PHR-SI Datasheet HTML 7Page - Vishay Siliconix 198PHR-SI Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
198 PHR-SI
www.vishay.com
Vishay BCcomponents
Revision: 17-Oct-16
2
Document Number: 28339
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
TWO TERMINAL SNAP-IN
Fig. 2 - Two terminal snap-in
Fig. 3 - Mounting hole diagram
THREE TERMINAL SNAP-IN
Fig. 4 - Three terminal snap-in
Fig. 5 - Mounting hole diagram
270
30 x 40
30 x 45
35 x 30
35 x 35
330
30 x 45
30 x 50
35 x 35
35 x 40
390
30 x 50
35 x 45
35 x 40
-
470
35 x 45
35 x 50
560
35 x 50
35 x 60
680
35 x 60
35 x 60
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
400
450
+ TERMINAL
- TERMINAL
Ø D
L + 2
max.
L
Bottom view
5.8
+ 0
- 1
The minus terminal can be marked with a black dot or with an imprinted
“-” sign.
10 ± 0.1
Ø 2 ± 0.1 (2 x)
+ TERMINAL
- TERMINAL
Ø D
L + 2
max.
L
Bottom view
minus pole
marking
4 ± 0.5
The negative terminal has TWO pins which are BOTH electrically
connected.
10 ± 0.1
3.3 ± 0.1
4.75 ± 0.1
Ø 2.5 ± 0.1
Ø 2 ± 0.1 (2 x)
The 10 mm spacing of the 2 pin
snap-in is used as the base layout
and a third hole is added.
The third hole is closer to the
negative primary hole so that
polarization is always maintained,
together with added mechanical
stability.


Similar Part No. - 198PHR-SI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
198PHR-SI VISHAY-198PHR-SI Datasheet
98Kb / 7P
   Aluminum Capacitors Power High Ripple Current Snap-In
Revision: 08-Aug-08
198PHR-SI VISHAY-198PHR-SI Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
01-Jan-2023
198PHR-SI VISHAY-198PHR-SI_V01 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
01-Jan-2023
More results

Similar Description - 198PHR-SI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
198PHR VISHAY-198PHR Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
198PHR-SI VISHAY-198PHR-SI_V01 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors, Power High Ripple Current Snap-In
01-Jan-2023
193PUR-SI VISHAY-193PUR-SI_V01 Datasheet
111Kb / 7P
   Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
01-Jan-2023
259PHM-SI VISHAY-259PHM-SI Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
259PHM-SI VISHAY-259PHM-SI_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors Power High Ripple Current Miniaturized Snap-In
01-Jan-2023
198PHR VISHAY-198PHR_15 Datasheet
102Kb / 8P
   Aluminum Capacitors, Power High Ripple Current Snap-In
Revision: 15-Oct-13
198PHR-SI VISHAY-198PHR-SI Datasheet
98Kb / 7P
   Aluminum Capacitors Power High Ripple Current Snap-In
Revision: 08-Aug-08
257PRM-SI VISHAY-257PRM-SI Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
257PRM-SI VISHAY-257PRM-SI_V01 Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
01-Jan-2023
193PUR-SI-SOLAR VISHAY-193PUR-SI-SOLAR Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com