Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

160RLA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 160RLA
Description  Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

160RLA Datasheet(HTML) 1 Page - Vishay Siliconix

  160RLA Datasheet HTML 1Page - Vishay Siliconix 160RLA Datasheet HTML 2Page - Vishay Siliconix 160RLA Datasheet HTML 3Page - Vishay Siliconix 160RLA Datasheet HTML 4Page - Vishay Siliconix 160RLA Datasheet HTML 5Page - Vishay Siliconix 160RLA Datasheet HTML 6Page - Vishay Siliconix 160RLA Datasheet HTML 7Page - Vishay Siliconix 160RLA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
160 RLA
www.vishay.com
Vishay BCcomponents
Revision: 17-Mar-17
1
Document Number: 28420
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Electrolytic Capacitors
Radial, Enhanced High Temperature, Low Impedance
Fig. 1
FEATURES
• Useful life: up to 2000 h at 150 °C
• High stability, high reliability
• Very low ESR
• AEC-Q200 qualified
• Excellent ripple current capability
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case with pressure
relief, insulated with a blue PET sleeve
• Charge and discharge proof
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Power supplies (SMPS, DC/DC converters) for industrial,
automotive, telecommunications and military
• Smoothing, filtering and buffering
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in μF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Logo of manufacturer
• Upper category temperature (150 °C)
• Negative terminal identification
• Series number (160)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (Ø D x L in mm)
10 x 12 to 18 x 35
Rated capacitance range, CR
33 μF to 3300 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
16 V to 50 V
Category temperature range
-55 °C to +150 °C
Endurance test at 150 °C
1000 h to 1500 h
Useful life at 150 °C
1000 h to 2000 h
Useful life at 40 °C, 1.8 x IR applied
200 000 h
Shelf life at 0 V, 150 °C
1000 h
Based on sectional specification
IEC 60384-4 / EN130300
Climatic category IEC 60068
55 / 150 / 56
160 RLA
lower Z
longer life
140 RTM
125 °C
150 °C
150 RMI
146 RTI
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
16
25
35
50
33

10 x 12
47

10 x 12
10 x 12
100
10 x 12
10 x 16
10 x 16
220
10 x 16
12.5 x 20
12.5 x 20
10 x 20
330
10 x 20
12.5 x 25
12.5 x 25
12.5 x 20
470
12.5 x 20
16 x 25
18 x 20
12.5 x 25
680
12.5 x 25
16 x 31
16 x 25
1000
16 x 25
16 x 31
18 x 35
18 x 31
1500
18 x 20
18 x 31
-
-
2200
18 x 25
-
-
-
2700
18 x 31
-
-
-
3300
18 x 35
-
-
-


Similar Part No. - 160RLA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
160RLA VISHAY-160RLA Datasheet
133Kb / 8P
   Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance
01-Jan-2023
160RLA VISHAY-160RLA_V01 Datasheet
133Kb / 8P
   Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance
01-Jan-2023
More results

Similar Description - 160RLA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
160RLA VISHAY-160RLA_V01 Datasheet
133Kb / 8P
   Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance
01-Jan-2023
260RLA-V VISHAY-260RLA-V Datasheet
135Kb / 8P
   Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance
260RLA-V VISHAY-260RLA-V_V01 Datasheet
129Kb / 8P
   Aluminum Electrolytic Capacitors Radial, Enhanced High Temperature, Low Impedance, High Vibration Capability
01-Jan-2023
146-RTI VISHAY-146-RTI Datasheet
133Kb / 9P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
Revision: 14-Feb-16
146RTI VISHAY-146RTI_17 Datasheet
133Kb / 9P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
Revision: 14-Feb-17
190RTL VISHAY-190RTL Datasheet
128Kb / 8P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
190RTL VISHAY-190RTL_V01 Datasheet
128Kb / 8P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
01-Jan-2023
146RTI VISHAY-146RTI_V01 Datasheet
136Kb / 9P
   Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
01-Jan-2023
146RTI VISHAY-146RTI Datasheet
126Kb / 9P
   Aluminum Capacitors Radial, High Temperature, Low Impedance
Revision: 23-Jul-12
MAL214650331E3 VISHAY-MAL214650331E3 Datasheet
126Kb / 9P
   Aluminum Capacitors Radial, High Temperature, Low Impedance
Revision: 23-Jul-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com