Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

157PUM-SI Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 157PUM-SI
Description  Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

157PUM-SI Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 157PUM-SI_16 Datasheet HTML 2Page - Vishay Siliconix 157PUM-SI_16 Datasheet HTML 3Page - Vishay Siliconix 157PUM-SI_16 Datasheet HTML 4Page - Vishay Siliconix 157PUM-SI_16 Datasheet HTML 5Page - Vishay Siliconix 157PUM-SI_16 Datasheet HTML 6Page - Vishay Siliconix 157PUM-SI_16 Datasheet HTML 7Page - Vishay Siliconix 157PUM-SI_16 Datasheet HTML 8Page - Vishay Siliconix 157PUM-SI_16 Datasheet HTML 9Page - Vishay Siliconix 157PUM-SI_16 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
157 PUM-SI
www.vishay.com
Vishay BCcomponents
Revision: 17-Oct-16
8
Document Number: 28338
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RIPPLE CURRENT AND USEFUL LIFE
Table 3
Note
• Multiplier of useful life code: MGA453
Fig. 6 - Multiplier of useful life as a function of ambient temperature and ripple current load
Table 4
ENDURANCE TEST DURATION AND USEFUL LIFE
ENDURANCE
AT 85 °C
(h)
USEFUL LIFE
AT 85 °C
(h)
3000
5000
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
50
100
120
200
1000
 10 000
IR MULTIPLIER
0.90
0.95
1.00
1.15
1.30
1.40
1.3
1.2
1.1
1.0
0.8
0.5
0.0
40
50
60
70
80
90
I
A
I
R
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
(1)
MGA453
Life multiplier
T
amb (°C)
I
A = Actual ripple current at 120 Hz
I
R = Rated ripple current at 120 Hz and 85 °C
(1) Useful life at 85 °C and I
R applied: 5000 h


Similar Part No. - 157PUM-SI_16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
More results

Similar Description - 157PUM-SI_16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
157PUM-SI ETC2-157PUM-SI Datasheet
648Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Miniature Snap-in
logo
Vishay Siliconix
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_V01 Datasheet
113Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
01-Jan-2023
MAL215752271E3 VISHAY-MAL215752271E3_12 Datasheet
119Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_17 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 02-Nov-16
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
257PRM-SI VISHAY-257PRM-SI_V01 Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com