Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

140CRH Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 140CRH
Description  Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

140CRH Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 140CRH Datasheet HTML 2Page - Vishay Siliconix 140CRH Datasheet HTML 3Page - Vishay Siliconix 140CRH Datasheet HTML 4Page - Vishay Siliconix 140CRH Datasheet HTML 5Page - Vishay Siliconix 140CRH Datasheet HTML 6Page - Vishay Siliconix 140CRH Datasheet HTML 7Page - Vishay Siliconix 140CRH Datasheet HTML 8Page - Vishay Siliconix 140CRH Datasheet HTML 9Page - Vishay Siliconix 140CRH Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
140 CRH
www.vishay.com
Vishay BCcomponents
Revision: 31-Jan-17
6
Document Number: 28396
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ADVANCED SOLDERING PROFILE FOR LEAD (Pb)-FREE REFLOW PROCESS
ACCORDING TO JEDEC J-STD-020
Fig. 5 - Maximum temperature load during reflow soldering
Table 5
Notes
• Temperature measuring point on top of the case and on terminals
• Max. 2 runs with pause of min. 30 min in between
REFLOW SOLDERING CONDITIONS for MAL214099xxxE3
PROFILE FEATURES
CASE CODE
1010
CASE CODE
1213 TO 1216
CASE CODE
1616 TO 1821
Max. time from 25 °C to TPeak
300 s
300 s
300 s
Max. ramp-up rate to 150 °C
3 K/s
3 K/s
3 K/s
Max. time from 150 °C to 200 °C (t1)
150 s
150 s
150 s
Max. time from 190 °C to 200 °C (t2)
110 s
110 s
110 s
Ramp up rate from 200 °C to TPeak
0.5 K/s to 3 K/s
0.5 K/s to 3 K/s
0.5 K/s to 3 K/s
Max. time above TLiquidus (217 °C) (t3)
90 s
90 s
90 s
Max. time above 230 °C (t4)
70 s
65 s
60 s
Peak temperature TPeak
260 °C
250 °C
245 °C
Max. time above TPeak minus 5 °C
40 s
30 s
30 s
Ramp-down rate from TLiquidus
3 K/s to 6 K/s
3 K/s to 6 K/s
3 K/s to 6 K/s
t
1
200
190
150
25
217
230
T
Peak
time (s)
T (°C)
t
2
t
3
t
4


Similar Part No. - 140CRH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CRH VISHAY-140CRH Datasheet
607Kb / 9P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 24-Oct-08
140CRH VISHAY-140CRH Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
140CRH VISHAY-140CRH Datasheet
147Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 26-Apr-13
140CRH VISHAY-140CRH Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
140CRH VISHAY-140CRH_11 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
More results

Similar Description - 140CRH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
140-CRH VISHAY-140-CRH Datasheet
156Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
146CTI VISHAY-146CTI_V01 Datasheet
142Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
160CLA VISHAY-160CLA_16 Datasheet
143Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 14-Dec-16
146CTI VISHAY-146CTI_16 Datasheet
144Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 05-Dec-16
146-CTI VISHAY-146-CTI Datasheet
144Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 05-Dec-16
160CLA VISHAY-160CLA_V01 Datasheet
140Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
175TMP VISHAY-175TMP Datasheet
111Kb / 8P
   Aluminum Capacitors High Temperature Solid Electrolytic SMD
Revision: 04-Nov-08
140CRH VISHAY-140CRH_11 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
140CRH VISHAY-140CRH Datasheet
607Kb / 9P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 24-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com