Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC124EET1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # DTC124EET1
Description  Bias Resistor Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC124EET1 Datasheet(HTML) 4 Page - ON Semiconductor

  DTC124EET1 Datasheet HTML 1Page - ON Semiconductor DTC124EET1 Datasheet HTML 2Page - ON Semiconductor DTC124EET1 Datasheet HTML 3Page - ON Semiconductor DTC124EET1 Datasheet HTML 4Page - ON Semiconductor DTC124EET1 Datasheet HTML 5Page - ON Semiconductor DTC124EET1 Datasheet HTML 6Page - ON Semiconductor DTC124EET1 Datasheet HTML 7Page - ON Semiconductor DTC124EET1 Datasheet HTML 8Page - ON Semiconductor DTC124EET1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DTC114EET1 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Resistor
TC114EET1
DTC124EET1
DTC144EET1
DTC114YET1
DTC114TET1
DTC143TET1
DTC123EET1
DTC143EET1
DTC143ZET1
DTC124XET1
DTC123JET1
DTC115EET1
DTC144WET1
R1
7.0
15.4
32.9
7.0
7.0
3.3
1.5
3.3
3.3
15.4
1.54
70
32.9
10
22
47
10
10
4.7
2.2
4.7
4.7
22
2.2
100
47
13
28.6
61.1
13
13
6.1
2.9
6.1
6.1
28.6
2.86
130
61.1
k
W
Resistor Ratio
DTC114EET1/DTC124EET1/DTC144EET1/
DTC115EET1
DTC114YET1
DTC143TET1/DTC114TET1
DTC123EET1/DTC143EET1
DTC143ZET1
DTC124XET1
DTC123JET1
DTC144WET1D
R1/R2
0.8
0.17
0.8
0.055
0.38
0.038
1.7
1.0
0.21
1.0
0.1
0.47
0.047
2.1
1.2
0.25
1.2
0.185
0.56
0.056
2.6
Figure 1. Derating Curve
250
200
150
100
50
0
−50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RqJA = 600°C/W
0.00001
0.0001
0.001
0.01
0.1
1.0
10
100
1000
0.001
0.01
0.1
1.0
t, TIME (s)
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 2. Normalized Thermal Response


Similar Part No. - DTC124EET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC124EET1 ONSEMI-DTC124EET1 Datasheet
187Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTORS
May, 2000 ??Rev. 0
DTC124EET1 ONSEMI-DTC124EET1 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
DTC124EET1 ONSEMI-DTC124EET1 Datasheet
145Kb / 13P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
May, 2012 ??Rev. 12
DTC124EET1G ONSEMI-DTC124EET1G Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
DTC124EET1G ONSEMI-DTC124EET1G Datasheet
140Kb / 12P
   Digital Transistors (BRT) R1 = 22 k, R2 = 22 k
August, 2012 ??Rev. 0
More results

Similar Description - DTC124EET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com