Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1526 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL1526
Description  Dual Channel Differential DSL Line Driver for Centillium Maximus CO Chipsets
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1526 Datasheet(HTML) 1 Page - Intersil Corporation

  EL1526 Datasheet HTML 1Page - Intersil Corporation EL1526 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
FN7405
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL1526
Dual Channel Differential DSL Line Driver
for Centillium Maximus CO Chipsets
The EL1526 is to be used with
Centillium's Maximus CO chipset for
very high performance ADSL
applications. The line driver supports use of ADSL
downstream spectrum up to 3.75MHz, beyond traditional
1.1MHz range. For the extended spectrum, payload rates up
to 50Mbps is achievable in conjunction of High-Bit-Loading
(HBL) feature of Maximus CO chipset. This feature allows
DMT tones to carry higher than 15 bits per tone, resulting in
higher performance ADSL services.
The EL1526 is an integral part of the signal chain for HBL.
The driver has been optimized for flat gain response and
reduced harmonic distortion and noise in the bands of
interest to improve the overall signal to noise in the system.
A unique internal compensation circuit eliminates the need
for external common mode snubber filters in active
termination applications.
These drivers achieve a total harmonic distortion (THD)
measurement of typically -64dB @ 2.2MHz, while
consuming typically 5mA per DSL channel of total supply
current. This supply current can be set using a resistor on
the IADJ pin. Two other pins (C0 & C1) can also be used to
adjust supply current to one of four pre-set modes (full-IS,
3/4-IS, 1/2-IS, and full power-down). The EL1526 operates
on ±5V to ±12V supplies and retains its bandwidth and
linearity over the complete supply range.
The device is supplied in the small footprint (4x5mm) 24-pin
QFN package and is specified for operation over the full
-40°C to +85°C temperature range.
Features
• 450mA output drive capability
•44.1VP-P differential output drive into 100Ω
• -85dBc THD @ 1MHz 2VP-P
• High slew rate of 500V/µs
• Bandwidth - 46MHz
• Current control pins
• Channel separation
- 80dB @ 500kHz
-75dB @ 1MHz
Applications
• ADSL line drivers for Centillium Maximus CO chipsets
Ordering Information
PART
NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL1526IL
24-Pin QFN
-
MDP0046
EL1526IL-T7
24-Pin QFN
7”
MDP0046
EL1526IL-T13
24-Pin QFN
13”
MDP0046
Get FULL DATASHEET
Data Sheet
May 13, 2004


Similar Part No. - EL1526

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1526 INTERSIL-EL1526 Datasheet
42Kb / 2P
   Dual Channel Differential DSL Line Driver for Centillium Maximus CO Chipsets
EL1526IL INTERSIL-EL1526IL Datasheet
42Kb / 2P
   Dual Channel Differential DSL Line Driver for Centillium Maximus CO Chipsets
EL1526IL-T13 INTERSIL-EL1526IL-T13 Datasheet
42Kb / 2P
   Dual Channel Differential DSL Line Driver for Centillium Maximus CO Chipsets
EL1526IL-T7 INTERSIL-EL1526IL-T7 Datasheet
42Kb / 2P
   Dual Channel Differential DSL Line Driver for Centillium Maximus CO Chipsets
EL1526ILZ INTERSIL-EL1526ILZ Datasheet
42Kb / 2P
   Dual Channel Differential DSL Line Driver for Centillium Maximus CO Chipsets
More results

Similar Description - EL1526

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1526 INTERSIL-EL1526_05 Datasheet
42Kb / 2P
   Dual Channel Differential DSL Line Driver for Centillium Maximus CO Chipsets
EL1529 INTERSIL-EL1529 Datasheet
104Kb / 2P
   Dual Channel Differential DSL Line Driver for Globespan CO Chipsets
EL1529 INTERSIL-EL1529_05 Datasheet
41Kb / 2P
   Dual Channel Differential DSL Line Driver for Globespan CO Chipsets
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com