Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECCP305L1R Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # ECCP305L1R
Description  3.0A Surface Mount General Purpose Rectifiers - 50V-1300V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECCP305L1R Datasheet(HTML) 1 Page - E-CMOS Corporation

  ECCP305L1R Datasheet HTML 1Page - E-CMOS Corporation ECCP305L1R Datasheet HTML 2Page - E-CMOS Corporation ECCP305L1R Datasheet HTML 3Page - E-CMOS Corporation ECCP305L1R Datasheet HTML 4Page - E-CMOS Corporation ECCP305L1R Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3.0A Surface Mount General Purpose
Rectifiers - 50V-1300V
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 5
4L04-Rev. F001
ECCP301-ECCP308
Features
Batch process design, excellent power dissipation offers better
reverse leakage current and thermal resistance.
Low profile surface mounted application in order to optimize
board space.
High current capability.
High surge capability.
Glass passivated chip junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "H" indicates Halogen-free parts, ex. ECCP301L1HR.
Mechanical Data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, DO-214AB / SMA
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.19 gram
Maximum ratings and Electrical Characteristics (At TA=25 oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.2
IO
3.0
A
Forward surge current
8.3ms single half sine-wave (JEDEC methode)
IFSM
100
A
VR = VRRM TJ = 25
5.0
Reverse current
VR = VRRM TJ = 125
IR
250
µ
A
Junction to ambient
RθJA
30
Typical thermal resistance
Junction to case
RθJC
15
℃/W
Diode junction capacitance
f=1MHz and applied 4V DC reverse voltage
CJ
40
pF
Storage temperature
TSTG
-55
+175


Similar Part No. - ECCP305L1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCP305B E-CMOS-ECCP305B Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
ECCP305BL1HR E-CMOS-ECCP305BL1HR Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
ECCP305BL1R E-CMOS-ECCP305BL1R Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
More results

Similar Description - ECCP305L1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCP301B E-CMOS-ECCP301B Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
ECCP201 E-CMOS-ECCP201 Datasheet
254Kb / 5P
   2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
Formosa MS
FM201-L FORMOSA-FM201-L_17 Datasheet
57Kb / 7P
   2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
PACELEADER INDUSTRIAL
PHFM301 PACELEADER-PHFM301 Datasheet
838Kb / 2P
   3.0A Surface Mount High Effciency Rectifiers -50V - 1000V
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
S2A CTC-S2A Datasheet
108Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
GS1A TAYCHIPST-GS1A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com