Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECCP304L1R Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # ECCP304L1R
Description  3.0A Surface Mount General Purpose Rectifiers - 50V-1300V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECCP304L1R Datasheet(HTML) 2 Page - E-CMOS Corporation

  ECCP304L1R Datasheet HTML 1Page - E-CMOS Corporation ECCP304L1R Datasheet HTML 2Page - E-CMOS Corporation ECCP304L1R Datasheet HTML 3Page - E-CMOS Corporation ECCP304L1R Datasheet HTML 4Page - E-CMOS Corporation ECCP304L1R Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3.0A Surface Mount General Purpose
Rectifiers - 50V-1300V
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 5
4L04-Rev. F001
ECCP301-ECCP308
Rating and characteristic curves
SYMBOLS
*1
VRRM
(V)
*2
VRMS
(V)
*3
VR
(V)
*4
VF
(V)
Operating
temperature
T J, ( ℃)
ECCP301
50
35
50
ECCP302
100
70
100
ECCP303
200
140
200
ECCP304
400
280
400
ECCP305
600
420
600
ECCP306
800
560
800
ECCP307
1000
700
1000
ECCP308
1300
910
1300
1.10
-55 to +150


Similar Part No. - ECCP304L1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCP304B E-CMOS-ECCP304B Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
ECCP304BL1HR E-CMOS-ECCP304BL1HR Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
ECCP304BL1R E-CMOS-ECCP304BL1R Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
More results

Similar Description - ECCP304L1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCP301B E-CMOS-ECCP301B Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
ECCP201 E-CMOS-ECCP201 Datasheet
254Kb / 5P
   2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
Formosa MS
FM201-L FORMOSA-FM201-L_17 Datasheet
57Kb / 7P
   2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
PACELEADER INDUSTRIAL
PHFM301 PACELEADER-PHFM301 Datasheet
838Kb / 2P
   3.0A Surface Mount High Effciency Rectifiers -50V - 1000V
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
S2A CTC-S2A Datasheet
108Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
GS1A TAYCHIPST-GS1A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com