Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECCP202L1HR Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # ECCP202L1HR
Description  2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECCP202L1HR Datasheet(HTML) 1 Page - E-CMOS Corporation

  ECCP202L1HR Datasheet HTML 1Page - E-CMOS Corporation ECCP202L1HR Datasheet HTML 2Page - E-CMOS Corporation ECCP202L1HR Datasheet HTML 3Page - E-CMOS Corporation ECCP202L1HR Datasheet HTML 4Page - E-CMOS Corporation ECCP202L1HR Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2.0A Surface Mount General Purpose
Rectifiers - 50V-1000V
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 5
4L03N-Rev. F001
ECCP201-ECCP207
Features
Batch process design, excellent power dissipation offers better
reverse leakage current and thermal resistance.
Low profile surface mounted application in order to optimize
board space.
High current capability.
High surge capability.
Glass passivated chip junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "H" indicates Halogen-free parts, ex. ECCP201L1HR.
Mechanical Data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, DO-214AC / SMA
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.05 gram
Maximum ratings and Electrical Characteristics (At TA=25 oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.2
IO
2.0
A
Forward surge current
8.3ms single half sine-wave (JEDEC methode)
IFSM
50
A
VR = VRRM TJ = 25
5
µ
A
Reverse current
VR = VRRM TJ = 125
IR
125
Diode junction
capacitance
f=1MHz and applied 4V DC reverse voltage
CJ
30
pF
Storage temperature
TSTG
-65
175


Similar Part No. - ECCP202L1HR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCP05VU3-D7 E-CMOS-ECCP05VU3-D7 Datasheet
228Kb / 3P
   UNIDIRECTIONAL TVS DIODE ARRAY
ECCP301 E-CMOS-ECCP301 Datasheet
243Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1300V
ECCP301B E-CMOS-ECCP301B Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
ECCP301BL1HR E-CMOS-ECCP301BL1HR Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
ECCP301BL1R E-CMOS-ECCP301BL1R Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
More results

Similar Description - ECCP202L1HR

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM201-L FORMOSA-FM201-L_17 Datasheet
57Kb / 7P
   2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
RL201 FORMOSA-RL201 Datasheet
132Kb / 6P
   2.0A Axial Leaded General Purpose Rectifiers-50V-1000V
logo
E-CMOS Corporation
ECCP301B E-CMOS-ECCP301B Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
WILLAS ELECTRONIC CORP
FM4001L WILLAS-FM4001L Datasheet
282Kb / 4P
   1.0A GENERAL PURPOSE RECTIFIERS - 50V- 1000V
logo
Taiwan Memory Technolog...
S4A TMT-S4A_16 Datasheet
359Kb / 4P
   4A, 50V - 1000V Surface Mount Rectifiers
S3A TMT-S3A_16 Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
S2AA TMT-S2AA_16 Datasheet
365Kb / 4P
   2A, 50V - 1000V Surface Mount Rectifiers
S5A TMT-S5A_16 Datasheet
359Kb / 4P
   5A, 50V - 1000V Surface Mount Rectifiers
S1A TMT-S1A_16 Datasheet
364Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
S3AB TMT-S3AB_16 Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com