Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECCP205L1R Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # ECCP205L1R
Description  2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECCP205L1R Datasheet(HTML) 4 Page - E-CMOS Corporation

  ECCP205L1R Datasheet HTML 1Page - E-CMOS Corporation ECCP205L1R Datasheet HTML 2Page - E-CMOS Corporation ECCP205L1R Datasheet HTML 3Page - E-CMOS Corporation ECCP205L1R Datasheet HTML 4Page - E-CMOS Corporation ECCP205L1R Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2.0A Surface Mount General Purpose
Rectifiers - 50V-1000V
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 5
4L03N-Rev. F001
ECCP201-ECCP207
Marking
Part No
Marking
ECCP201L1R / ECCP201L1HR
A21
ECCP202L1R / ECCP202L1HR
A22
ECCP203L1R / ECCP203L1HR
A23
ECCP204L1R / ECCP204L1HR
A24
ECCP205L1R / / ECCP205L1HR
A25
ECCP206L1R / ECCP206L1HR
A26
ECCP207L1R / ECCP207L1HR
A27
H: Halogen free
Suggested solder pad layout


Similar Part No. - ECCP205L1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCP05VU3-D7 E-CMOS-ECCP05VU3-D7 Datasheet
228Kb / 3P
   UNIDIRECTIONAL TVS DIODE ARRAY
ECCP301 E-CMOS-ECCP301 Datasheet
243Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1300V
ECCP301B E-CMOS-ECCP301B Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
ECCP301BL1HR E-CMOS-ECCP301BL1HR Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
ECCP301BL1R E-CMOS-ECCP301BL1R Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
More results

Similar Description - ECCP205L1R

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM201-L FORMOSA-FM201-L_17 Datasheet
57Kb / 7P
   2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
RL201 FORMOSA-RL201 Datasheet
132Kb / 6P
   2.0A Axial Leaded General Purpose Rectifiers-50V-1000V
logo
E-CMOS Corporation
ECCP301B E-CMOS-ECCP301B Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
WILLAS ELECTRONIC CORP
FM4001L WILLAS-FM4001L Datasheet
282Kb / 4P
   1.0A GENERAL PURPOSE RECTIFIERS - 50V- 1000V
logo
Taiwan Memory Technolog...
S4A TMT-S4A_16 Datasheet
359Kb / 4P
   4A, 50V - 1000V Surface Mount Rectifiers
S3A TMT-S3A_16 Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
S2AA TMT-S2AA_16 Datasheet
365Kb / 4P
   2A, 50V - 1000V Surface Mount Rectifiers
S5A TMT-S5A_16 Datasheet
359Kb / 4P
   5A, 50V - 1000V Surface Mount Rectifiers
S1A TMT-S1A_16 Datasheet
364Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
S3AB TMT-S3AB_16 Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com