Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL52A Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SL52A
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SL52A Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SL52A Datasheet HTML 1Page - GOOD-ARK Electronics SL52A Datasheet HTML 2Page - GOOD-ARK Electronics SL52A Datasheet HTML 3Page - GOOD-ARK Electronics SL52A Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL52A thru SL54A
Surface Mount Schottky Rectifier
Reverse Voltage 20~40V Forward Current 5A
Features
• Schottky barrier diodes
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• AEC-Q101 qualified
Typical Applications
For use in low voltage,high freqency inverters,free wheeling, and polarity protection application
VRRM
20
30
40
V
VRMS
14
21
28
V
VDC
20
30
40
V
IF(AV)
1)
A
IFSM
A
I
2t
A
2sec
TJ, TSTG
°C
Minimum Breakdown voltage
Ta=25℃,IR=1mA
VBR
20
30
40
IF=3A, Ta=25℃
IF=5A, Ta=25℃
IF=5A, Ta=125℃
Ta=25℃
uA
Ta=100℃
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance
juntion to mount
RθJL1)
℃/W
Note1):Mounted on PCB with 8.0×8.0mm copper pads,2 OZ,FR4 PCB;
SL54A
Maximum DC blocking voltage
Maximum average forward rectified current
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Unit
SL52A
SL53A
Unit
Symbol
Maximum DC reverse
current at rated DC blocking
voltage
IR
290
20
150
20
Volts
Rating for fusing(t<8.3ms)
0.45
0.50
0.4
Parameter
Test Conditions
Operating junction and storage temperature
range
Electrical Characteristics (T
A
= 25 °C unless otherwise noted)
Maximum Instantaneous
forward voltage
SL52A
SL53A
SL54A
5.0
150
93.8
- 55 to + 125
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
DO-214AC(SMA)
www.goodark.com
1/4
2016.09-Rev.A


Similar Part No. - SL52A

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SL52 DYELEC-SL52 Datasheet
742Kb / 2P
   Plastic package Underwirters Laboratory Flammability Classification 94V-0
logo
DAESAN ELECTRONIC CORP.
SL52 DAESAN-SL52 Datasheet
282Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diotec Semiconductor
SL52-3G DIOTEC-SL52-3G Datasheet
131Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
logo
PACELEADER INDUSTRIAL
SL52-A PACELEADER-SL52-A Datasheet
863Kb / 5P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS-20V~40V
logo
DIYI Electronic Technol...
SL520 DYELEC-SL520 Datasheet
742Kb / 2P
   Plastic package Underwirters Laboratory Flammability Classification 94V-0
More results

Similar Description - SL52A

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com