Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGP0160SL Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # SGP0160SL
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGP0160SL Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  SGP0160SL Datasheet HTML 1Page - GOOD-ARK Electronics SGP0160SL Datasheet HTML 2Page - GOOD-ARK Electronics SGP0160SL Datasheet HTML 3Page - GOOD-ARK Electronics SGP0160SL Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SGP0140SL thru SGP0160SL
Surface Mount Schottky Rectifier
Reverse Voltage 40~60V Forward Current 1A
www.goodark.com
4/4
2015.04-Rev.A
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the
Suzhou Good-Ark product best suited to the customer ’ s application; they do not convey any
license under any intellectual property rights or any other rights belonging to Suzhou Good-Ark
license under any intellectual property rights, or any other rights, belonging to Suzhou Good-Ark
Electronics Co., Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or
infringement of any third-party ’ s rights, originating in the use of any product data, diagrams,
charts, programs, algorithms, or circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts, programs
and algorithms represents information on products at the time of publication of these materials,
and are subject to change by Suzhou Good-Ark Electronics Co., Ltd. without notice due to
product improvements or other reasons. It is therefore recommended that customers contact
Suzhou Good-Ark Electronics Co., Ltd. or an authorized Suzhou Good-Ark Electronics Co., Ltd.
for the latest product information before purchasing a product listed herein. The information
described here may contain technical inaccuracies or typographical errors Suzhou Good-Ark
described here may contain technical inaccuracies or typographical errors. Suzhou Good-Ark
Electronics Co., Ltd. assumes no responsibility for any damage, liability, or other loss rising from
these inaccuracies or errors. Please also pay attention to information published by Suzhou Good-
Ark Electronics Co., Ltd. by various means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data,
di
ht
d l
ith
Pl
b
t
lt
ll if
ti
ttl
diagrams, charts, programs, and algorithms, Please be sure to evaluate all information as a total
system before making a final decision on the applicability of the information and products.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability or
other loss resulting from the information contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or
reproduce in whole or in part these materials.
reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further
details on these materials or the products contained herein.
www.goodark.com
4/4
2015.04-Rev.A


Similar Part No. - SGP0160SL

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGP0160SD GOOD-ARK-SGP0160SD Datasheet
200Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - SGP0160SL

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com