Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGP0130SL1 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # SGP0130SL1
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGP0130SL1 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  SGP0130SL1 Datasheet HTML 1Page - GOOD-ARK Electronics SGP0130SL1 Datasheet HTML 2Page - GOOD-ARK Electronics SGP0130SL1 Datasheet HTML 3Page - GOOD-ARK Electronics SGP0130SL1 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SGP0120SL1 thru SGP0140SL1
Surface Mount Schottky Rectifier
Reverse Voltage 20~40V Forward Current 1A
www.goodark.com
3/4
2015.04-Rev.A
Package Outline Dimensions
Package
Unit:mm
Unit:inch
g
eSGP
MIN
MAX
MIN
MAX
A
0.9
1.08
0.035
0.043
B
0.5
0.7
0.020
0.028
C
0.1
0.25
0.004
0.010
D
1.4
1.6
0.055
0.063
E
2.0
2.2
0.079
0.087
L
035
065
0014
0 026
L
0.35
0.65
0.014
0.026
HE
2.4
2.8
0.094
0.110
Packing Information
Packing quantities:
3000 pcs/Reel, 40 Reels/Box; 8mm Tape, 7" Reel
Tape & Reel Specification
Package
eSGP
MIN
MAX
MIN
MAX
A
0.9
1.08
0.035
0.043
B
0.5
0.7
0.020
0.028
C
0.1
0.25
0.004
0.010
D
1.4
1.6
0.055
0.063
E
2.0
2.2
0.079
0.087
L
0.35
0.65
0.014
0.026
HE
2.4
2.8
0.094
0.110
Unit:mm
Unit:inch
Package
eSGP
MIN
MAX
MIN
MAX
A
0.9
1.08
0.035
0.043
B
0.5
0.7
0.020
0.028
C
0.1
0.25
0.004
0.010
D
1.4
1.6
0.055
0.063
E
2.0
2.2
0.079
0.087
L
0.35
0.65
0.014
0.026
HE
2.4
2.8
0.094
0.110
Unit:mm
Unit:inch
Package
eSGP
MIN
MAX
MIN
MAX
A
0.9
1.08
0.035
0.043
B
0.5
0.7
0.020
0.028
C
0.1
0.25
0.004
0.010
D
1.4
1.6
0.055
0.063
E
2.0
2.2
0.079
0.087
L
0.35
0.65
0.014
0.026
HE
2.4
2.8
0.094
0.110
Unit:mm
Unit:inch
www.goodark.com
3/4
2015.04-Rev.A


Similar Part No. - SGP0130SL1

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGP011BSL GOOD-ARK-SGP011BSL Datasheet
268Kb / 4P
   Surface Mount Schottky Rectifier
SGP011BSL GOOD-ARK-SGP011BSL_15 Datasheet
268Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 1A
SGP0120SD GOOD-ARK-SGP0120SD Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier
SGP0120SD GOOD-ARK-SGP0120SD_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20V Forward Current 1A
SGP0120SL GOOD-ARK-SGP0120SL Datasheet
266Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - SGP0130SL1

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com