Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC0360S Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # SGC0360S
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC0360S Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  SGC0360S Datasheet HTML 1Page - GOOD-ARK Electronics SGC0360S Datasheet HTML 2Page - GOOD-ARK Electronics SGC0360S Datasheet HTML 3Page - GOOD-ARK Electronics SGC0360S Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SGC0320S thru SGC0365S
Surface Mount Schottky Rectifier
Reverse Voltage 20~65V Forward Current 3A
www.goodark.com
3/4
2015.05-Rev.A
Package Outline Dimensions
MIN
MAX
MIN
MAX
HE
6.4
6.6
0.252
0.260
DIM
Unit: mm
Unit: inch
HE
6.4
6.6
0.252
0.260
E
5.6
5.8
0.220
0.228
D
4.1
4.3
0.161
0.169
B1
1.7
1.9
0.067
0.075
B2
0.8
1
0.031
0.039
A
1.05
1.2
0.041
0.047
C
0.3
0.4
0.012
0.016
L
0.85
1.1
0.033
0.043
L1
42
44
0 165
0 173
L1
4.2
4.4
0.165
0.173
L2
L3
1.1
1.4
0.043
0.055
D1
3
3.3
0.118
0.130
E1
1.86 Typ.
0.073 Typ.
3.52 Typ.
0.139 Typ.
Soldering  footprint
Packing Information
Packing quantities:
5000 pcs/Reel,12mm Tape, 13" Reel
Tape & Reel Specification
www.goodark.com
3/4
2015.05-Rev.A


Similar Part No. - SGC0360S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC0301A GOOD-ARK-SGC0301A Datasheet
203Kb / 4P
   Surface Mount Glass Passivated Rectifier
SGC0301AU GOOD-ARK-SGC0301AU Datasheet
206Kb / 4P
   Surface Mount Glass Passivated Rectifier
SGC0302A GOOD-ARK-SGC0302A Datasheet
203Kb / 4P
   Surface Mount Glass Passivated Rectifier
SGC0302AU GOOD-ARK-SGC0302AU Datasheet
206Kb / 4P
   Surface Mount Glass Passivated Rectifier
SGC0303A GOOD-ARK-SGC0303A Datasheet
203Kb / 4P
   Surface Mount Glass Passivated Rectifier
More results

Similar Description - SGC0360S

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com