Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC0320S Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SGC0320S
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC0320S Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SGC0320S Datasheet HTML 1Page - GOOD-ARK Electronics SGC0320S Datasheet HTML 2Page - GOOD-ARK Electronics SGC0320S Datasheet HTML 3Page - GOOD-ARK Electronics SGC0320S Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SGC0320S thru SGC0365S
Surface Mount Schottky Rectifier
Reverse Voltage 20~65V Forward Current 3A
www.goodark.com
1/4
2015.05-Rev.A
Features
• Heatsink design
• Schottky barrier diodes
• Low leakage current
Low leakage current
• Solder dip 260 °C, 10 s
• Low forward voltage drop
• Low profile - typical height of 1.1 mm
• Moisture sensitivity: level 1, per J-STD-020
• High temperature soldering guaranteed: 260℃/10 seconds
Anode 1
Anode 2
Cathode
& Heatsink
eSGC (TO‐277)   
Typical Applications
For low voltage high frequency inverters, DC/DC converters and polarity protection application.
VRRM
20
30
40
45
50
60
65
V
VRMS
14
21
28
31.5
35
42
45.5
V
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol SGC0320S SGC0330S SGC0340S SGC0345S SGC0350S SGC0360S SGC0365S Unit
Maximum repetitive peak reverse
voltage
Maximum RMS voltage
VRMS
14
21
28
31.5
35
42
45.5
V
VDC
20
30
40
45
50
60
65
V
IF(AV)
1)
A
IFSM
A
TJ TSTG
°C
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified
current
3.0
Peak forward surge current 8.3 ms
single half sine-wave superimposed
on rated load
100
Operating junction and storage
55 to +150
TJ, TSTG
°C
Maximum instantaneous
Operating junction and storage
temperature range
-55 to +150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Unit
Parameter
Test Conditions
Symbol
SGC0320S thru SGC0345S
SGC0350S thru SGC0365S
Maximum instantaneous
forward voltage
IF=3A
TA=25℃
VF
Volts
Rated
VR
TA=25℃
TA=125℃
Typical junction
CJ
230
160
pF
Typical thermal resistance juntion to lead pad
RθJL1)
℃/W
Note1)Thermal resistance RθJL is junction to lead,mounted on P.C.B with 30*30mm copper pad area
0.50
0.70
Maximum DC reverse
current at rated DC
blocking voltage
IR
0.3
mA
50
4.0 V, 1 MHz
20
www.goodark.com
1/4
2015.05-Rev.A


Similar Part No. - SGC0320S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC0320S GOOD-ARK-SGC0320S_15 Datasheet
208Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~65V Forward Current 3A
More results

Similar Description - SGC0320S

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com