Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PML-PJ2-1.5DHW-CR1-CF Datasheet(PDF) 3 Page - DDK Ltd.

Part # PML-PJ2-1.5DHW-CR1-CF
Description  Floating Coaxial Connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PML-PJ2-1.5DHW-CR1-CF Datasheet(HTML) 3 Page - DDK Ltd.

  PML-PJ2-1.5DHW-CR1-CF Datasheet HTML 1Page - DDK Ltd. PML-PJ2-1.5DHW-CR1-CF Datasheet HTML 2Page - DDK Ltd. PML-PJ2-1.5DHW-CR1-CF Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Unit:mm
http://www.ddknet.co.jp
PML Series
3
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○Panel Mounting Jack Connector
8.5
9.7
(18.7)
2.1
PML Jack Interface
DDK Mark
2-φ2.6 0.1
16.6
1.7
8
(24.6)
8.5
DDK Mark
PML Jack Interface
9.7
2-φ2.6 0.1
1.7
16.6
○Receptacle Connector
Mating Connector: PML Plug Type
Applicable Cable : UT-085    
    : FCCAVG1(Nissei) or Equivalent
Mating Connector : PML Plug Type
Applicable Cable : 1.5D-HQEW or
Equivalent 
Mating Connector: PML Plug Type
4
1.7
8.5
13.2
□14.7
2.3
(19.5)
+0.2
0
91096
PML-SR
定格電圧
適合コネクタ
500V(交流実効値)
公称インピーダンス
規 格 値
測定電流:10mA
開放電圧:20mV
10mΩ以下/
絶縁抵抗
耐電圧
接触抵抗
500V(直流)にて1000MΩ以上
図示の通り
1000V(交流実効値),1分間
項目
構造寸法
PML形プラグ
50Ω
定 格
必 要 性 能
注1.本コネクタを使用する際、取付けピッチ公差は0.5mm以下とする。
   (嵌合相手側の位置ずれ条件:0mm)
4-φ2.8
9.6 0.1
PML Jack Interface
DDK Mark
PML-SR
PML-PJ2-1.5DHW-CR1-CF
PML-PJ2-85-SO-CF


Similar Part No. - PML-PJ2-1.5DHW-CR1-CF

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PML-12V100W1AAA DELTA-PML-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V100W1AHA DELTA-PML-12V100W1AHA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V150W1AAA DELTA-PML-12V150W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V150W1AGA DELTA-PML-12V150W1AGA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PML-12V150W1AHA DELTA-PML-12V150W1AHA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
More results

Similar Description - PML-PJ2-1.5DHW-CR1-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PML DDK-PML Datasheet
947Kb / 3P
   Floating Coaxial Connector
logo
Japan Aviation Electron...
CP2 JAE-CP2 Datasheet
266Kb / 3P
   Board-to-Board Floating Coaxial Connector
logo
DDK Ltd.
DFW-PAV20-98-3A DDK-DFW-PAV20-98-3A Datasheet
280Kb / 3P
   0.6mm Pitch Floating Connector
logo
Power Integrations, Inc...
INT201 POWERINT-INT201 Datasheet
100Kb / 12P
   Floating Inputs Floating High-side Drive
logo
Tyco Electronics
108-61125 MACOM-108-61125 Datasheet
176Kb / 7P
   Floating Battery Interconnection System Connector
logo
Molex Electronics Ltd.
SD-75019-010 MOLEX11-SD-75019-010 Datasheet
602Kb / 4P
   PLATEAU HS DOCK FLOATING CONNECTOR
logo
Rosenberger Hochfrequen...
03K760-S22N3 ROSENBERGER-03K760-S22N3 Datasheet
68Kb / 2P
   FLOATING ADAPTOR
03K760-S23N5 ROSENBERGER-03K760-S23N5 Datasheet
68Kb / 2P
   FLOATING ADAPTOR
03K717-S22S5 ROSENBERGER-03K717-S22S5 Datasheet
599Kb / 2P
   FLOATING ADAPTOR
logo
Witten Company, Inc.
155 WITTEN-155 Datasheet
231Kb / 2P
   FLOATING INSERTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com