Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28339ZCXT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY28339ZCXT
Description  Intel CK408 Mobile Clock Synthesizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28339ZCXT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY28339ZCXT Datasheet HTML 4Page - Cypress Semiconductor CY28339ZCXT Datasheet HTML 5Page - Cypress Semiconductor CY28339ZCXT Datasheet HTML 6Page - Cypress Semiconductor CY28339ZCXT Datasheet HTML 7Page - Cypress Semiconductor CY28339ZCXT Datasheet HTML 8Page - Cypress Semiconductor CY28339ZCXT Datasheet HTML 9Page - Cypress Semiconductor CY28339ZCXT Datasheet HTML 10Page - Cypress Semiconductor CY28339ZCXT Datasheet HTML 11Page - Cypress Semiconductor CY28339ZCXT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CY28339
Document #: 38-07507 Rev. *A
Page 8 of 18
PD# Deassertion
The power-up latency between PD# rising to a valid logic ‘1’
level and the starting of all clocks is less than 3.0 ms.
CPU_STOP# Clarification
The CPU_STOP# signal is an active LOW input used to
synchronously stop and start the CPU output clocks while the
rest of the clock generator continues to function.
CPU_STOP# Assertion
When CPU_STOP# pin is asserted, all CPUT/C outputs that
are set with the SMBus configuration to be stoppable via
assertion of CPU_STOP# will be stopped after being sampled
by two falling CPUT/C clock edges. The final state of the
stopped CPU signals is CPUT = HIGH and CPU0C = LOW.
There is no change to the output drive current values during
the stopped state. The CPUT is driven HIGH with a current
value equal to (Mult 0 “select”) × (Iref), and the CPUC signal
will not be driven. Due to external pull-down circuitry CPUC will
be LOW during this stopped state.
CPU 133MHz
3V66
CPU# 133MHz
REF 14.318MHz
USB 48MHz
PCIF / APIC
33MHz
66In
66Buff
PW RDW N#
66Buff1 / GMCH
400uS max
<1.8mS
PCI 33MHz
30uS min
Figure 4. Power-down Deassertion Timing Waveforms – Buffered Mode
CPU_STP#
CPUT
CPUC
CPUT
CPUC
Figure 5. CPU_STOP# Assertion Waveform


Similar Part No. - CY28339ZCXT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28339ZCXT SPECTRALINEAR-CY28339ZCXT Datasheet
160Kb / 17P
   Intel CK408 Mobile Clock Synthesizer
More results

Similar Description - CY28339ZCXT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28339 SPECTRALINEAR-CY28339 Datasheet
160Kb / 17P
   Intel CK408 Mobile Clock Synthesizer
logo
Renesas Technology Corp
MK1492-03 RENESAS-MK1492-03 Datasheet
222Kb / 8P
   Intel™ Mobile/SDRAM Clock Source
2019
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
logo
Renesas Technology Corp
SLG84901 RENESAS-SLG84901 Datasheet
816Kb / 22P
   Clock Synthesizer for Intel PCI-Express Gen3 Chipset
February 23, 2023
logo
Cypress Semiconductor
CY2277A CYPRESS-CY2277A Datasheet
206Kb / 19P
   6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs
logo
Intel Corporation
T7600 INTEL-T7600 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Cypress Semiconductor
CY28381 CYPRESS-CY28381 Datasheet
143Kb / 19P
   High-Performance SiS645DX/648DX/650/651 Intel Pentium 4 Clock Synthesizer
logo
Integrated Circuit Syst...
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
   HDTV Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com