Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C0851V-167AC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C0851V-167AC
Description  FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0851V-167AC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C0851V-167AC Datasheet HTML 3Page - Cypress Semiconductor CY7C0851V-167AC Datasheet HTML 4Page - Cypress Semiconductor CY7C0851V-167AC Datasheet HTML 5Page - Cypress Semiconductor CY7C0851V-167AC Datasheet HTML 6Page - Cypress Semiconductor CY7C0851V-167AC Datasheet HTML 7Page - Cypress Semiconductor CY7C0851V-167AC Datasheet HTML 8Page - Cypress Semiconductor CY7C0851V-167AC Datasheet HTML 9Page - Cypress Semiconductor CY7C0851V-167AC Datasheet HTML 10Page - Cypress Semiconductor CY7C0851V-167AC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
CY7C0850V/CY7C0851V
CY7C0852V/CY7C0853V
Document #: 38-06070 Rev. *D
Page 7 of 29
Master Reset
The FLEx36 family devices undergo a complete reset by
taking its MRST input LOW. The MRST input can switch
asynchronously to the clocks. The MRST initializes the
internal burst counters to zero, and the counter mask registers
to all ones (completely unmasked). The MRST also forces the
Mailbox Interrupt (INT) flags and the Counter Interrupt
(CNTINT) flags HIGH. The MRST must be performed on the
FLEx36 family devices after power-up.
Mailbox Interrupts
The upper two memory locations may be used for message
passing and permit communications between ports. Table 2
shows the interrupt operation for both ports of CY7C0853V.
The highest memory location, 3FFFF is the mailbox for the
right port and 3FFFE is the mailbox for the left port. Table 2
shows that in order to set the INTR flag, a Write operation by
the left port to address 3FFFF will assert INTR LOW. At least
one byte has to be active for a Write to generate an interrupt.
A valid Read of the 3FFFF location by the right port will reset
INTR HIGH. At least one byte has to be active in order for a
Read to reset the interrupt. When one port Writes to the other
port’s mailbox, the INT of the port that the mailbox belongs to
is asserted LOW. The INT is reset when the owner (port) of the
mailbox Reads the contents of the mailbox. The interrupt flag
is set in a flow-thru mode (i.e., it follows the clock edge of the
writing port). Also, the flag is reset in a flow-thru mode (i.e., it
follows the clock edge of the reading port).
Each port can read the other port’s mailbox without resetting
the interrupt. And each port can write to its own mailbox
without setting the interrupt. If an application does not require
message passing, INT pins should be left open.
Table 2. Interrupt Operation Example [1, 4, 5, 6, 7]
Function
Left Port
Right Port
R/WL
CEL
A0L–17L
INTL
R/WR
CER
A0R–17R
INTR
Set Right INTR Flag
L
L
3FFFF
X
X
X
X
L
Reset Right INTR Flag
X
XXX
H
L
3FFFF
H
Set Left INTL Flag
X
X
X
L
L
L
3FFFE
X
Reset Left INTL Flag
H
L
3FFFE
H
X
X
X
X
Table 3. Address Counter and Counter-Mask Register Control Operation (Any Port) [8, 9]
CLK
MRST CNT/MSK
CNTRST
ADS
CNTEN
Operation
Description
X
L
X
X
X
X
Master Reset
Reset address counter to all 0s and mask
register to all 1s.
H
H
L
X
X
Counter Reset
Reset counter unmasked portion to all 0s.
H
H
H
L
L
Counter Load
Load counter with external address value
presented on address lines.
H
H
H
L
H
Counter Readback Read out counter internal value on
address lines.
H
H
H
H
L
Counter Increment Internally increment address counter
value.
H
H
H
H
H
Counter Hold
Constantly hold the address value for
multiple clock cycles.
H
L
L
X
X
Mask Reset
Reset mask register to all 1s.
H
L
H
L
L
Mask Load
Load mask register with value presented
on the address lines.
H
L
H
L
H
Mask Readback
Read out mask register value on address
lines.
H
L
H
H
X
Reserved
Operation undefined
Notes:
4.
CE is internal signal. CE = LOW if CE0 = LOW and CE1 = HIGH. For a single Read operation, CE only needs to be asserted once at the rising edge of the
CLK and can be deasserted after that. Data will be out after the following CLK edge and will be three-stated after the next CLK edge.
5.
OE is “Don’t Care” for mailbox operation.
6.
At least one of B0, B1, B2, or B3 must be LOW.
7.
A16x is a NC for CY7C0851V, therefore the Interrupt Addresses are FFFF and EFFF; A16x and A15x are NC for CY7C0850V, therefore the Interrupt Addresses
are 7FFF and 6FFF.
8.
“X” = “Don’t Care,” “H” = HIGH, “L” = LOW.
9.
Counter operation and mask register operation is independent of chip enables.


Similar Part No. - CY7C0851V-167AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0851V-167BBC CYPRESS-CY7C0851V-167BBC Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
More results

Similar Description - CY7C0851V-167AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com