Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29949 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY29949
Description  2.5V or 3.3V 200-MHz 1:15 Clock Distribution Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29949 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY29949 Datasheet HTML 1Page - Cypress Semiconductor CY29949 Datasheet HTML 2Page - Cypress Semiconductor CY29949 Datasheet HTML 3Page - Cypress Semiconductor CY29949 Datasheet HTML 4Page - Cypress Semiconductor CY29949 Datasheet HTML 5Page - Cypress Semiconductor CY29949 Datasheet HTML 6Page - Cypress Semiconductor CY29949 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY29949
Document #: 38-07289 Rev. *D
Page 4 of 7
Notes:
6. Parameters are guaranteed by design and characterization. Not 100% tested in production. All parameters specified with loaded outputs.
7. Outputs driving 50
Ω transmission lines.
8. 50% input duty cycle.
9. See Figures 1 and 2.
10. Part-to-Part skew at a given temperature and voltage.
AC Parameters (VDD = VDDC = 3.3V ±10% or 2.5V ±5%, over the specified temperature range)
[6]
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
Fmax
Input Frequency[7]
VDD = 3.3V
200
MHz
VDD = 2.5V
170
Tpd
PECL_CLK to Q Delay[7]
VDD = 3.3V
4.0
8.6
ns
TCLK to Q Delay[7]
4.2
10.5
PECL_CLK to Q Delay[7]
VDD = 2.5V
6.0
10.6
TCLK to Q Delay[7]
6.2
10.5
FoutDC
Output Duty Cycle[7, 8]
Measured at VDD/2
45
55
%
tpZL, tpZH
Output Enable Time (all outputs)
2
10
ns
tpLZ, tpHZ
Output Disable Time (all outputs)
2
10
ns
Tskew
Output-to-Output Skew[7, 9]
250
350
ps
Tskew(pp)
Part-to-Part Skew[10]
PECL_CLK to Q
1.5
2.75
ns
TCLK to Q
2.0
4.0
Tr/Tf
Output Clocks Rise/Fall Time[9]
0.8V to 2.0V,
VDD = 3.3V
0.10
1.0
ns
0.6V to 1.8V,
VDD = 2.5V
0.10
1.3
Pulse
Generator
Z = 50 ohm
Zo = 50 ohm
VTT
Zo = 50 ohm
VTT
RT = 50 ohm
RT = 50 ohm
CY29949 DUT
Figure 1. LVCMOS_CLK CY29949 Test Reference for VCC = 3.3V and VCC = 2.5V
Differential
Pulse
Generator
Z = 50 ohm
Zo = 50 ohm
Zo = 50 ohm
VTT
RT = 50 ohm
CY29949 DUT
Zo = 50 ohm
RT = 50 ohm
VTT
Figure 2. PECL_CLK CY29949 Test Reference for VCC = 3.3V and VCC = 2.5V


Similar Part No. - CY29949

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29949 CYPRESS-CY29949 Datasheet
328Kb / 7P
   2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
CY29949AXC CYPRESS-CY29949AXC Datasheet
328Kb / 7P
   2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
CY29949AXCT CYPRESS-CY29949AXCT Datasheet
328Kb / 7P
   2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
CY29949AXI CYPRESS-CY29949AXI Datasheet
328Kb / 7P
   2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
CY29949AXIT CYPRESS-CY29949AXIT Datasheet
328Kb / 7P
   2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
More results

Similar Description - CY29949

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29949 CYPRESS-CY29949_08 Datasheet
328Kb / 7P
   2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
CY29947 CYPRESS-CY29947 Datasheet
103Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
CY29946 CYPRESS-CY29946 Datasheet
111Kb / 6P
   2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_06 Datasheet
191Kb / 8P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
   2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29948 CYPRESS-CY29948 Datasheet
108Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29943 CYPRESS-CY29943 Datasheet
188Kb / 7P
   2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
B9940L CYPRESS-B9940L Datasheet
182Kb / 5P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_06 Datasheet
256Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com