Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY9C62256-70ZI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY9C62256-70ZI
Description  32K x 8 Magnetic Nonvolatile CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY9C62256-70ZI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY9C62256-70ZI Datasheet HTML 2Page - Cypress Semiconductor CY9C62256-70ZI Datasheet HTML 3Page - Cypress Semiconductor CY9C62256-70ZI Datasheet HTML 4Page - Cypress Semiconductor CY9C62256-70ZI Datasheet HTML 5Page - Cypress Semiconductor CY9C62256-70ZI Datasheet HTML 6Page - Cypress Semiconductor CY9C62256-70ZI Datasheet HTML 7Page - Cypress Semiconductor CY9C62256-70ZI Datasheet HTML 8Page - Cypress Semiconductor CY9C62256-70ZI Datasheet HTML 9Page - Cypress Semiconductor CY9C62256-70ZI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PRELIMINARY
CY9C62256
Document #: 38-15001 Rev. *E
Page 6 of 11
Switching Waveforms
Notes:
12. Device is continuously selected. OE, CE = VIL.
13. WE is HIGH for read cycle.
14. Address valid prior to or coincident with CE transition LOW.
15. Data I/O is high impedance if OE = VIH.
16. If CE goes HIGH simultaneously with WE HIGH, the output remains in a high-impedance state.
17. During this period, the I/Os are in output state and input signals should not be applied.
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
Read Cycle No. 1[12, 13]
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
DATA OUT
HIGH IMPEDANCE
IMPEDANCE
ICC
ISB
tHZOE
tHZCE
tPD
OE
CE
HIGH
VCC
SUPPLY
CURRENT
Read Cycle No. 2 [13,14]
tHD
tSD
tPWE
tSA
tHA
tAW
tWC
DATA I/O
ADDRESS
CE
WE
OE
tHZOE
DATA IN VALID
NOTE
Write Cycle No. 1 (WE Controlled)
[10,15,16]
17


Similar Part No. - CY9C62256-70ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY9C62256-70ZI CYPRESS-CY9C62256-70ZI Datasheet
328Kb / 11P
   32K x 8 Magnetic Nonvolatile CMOS RAM
More results

Similar Description - CY9C62256-70ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY9C62256 CYPRESS-CY9C62256_05 Datasheet
328Kb / 11P
   32K x 8 Magnetic Nonvolatile CMOS RAM
CY9C6264 CYPRESS-CY9C6264 Datasheet
377Kb / 12P
   8K x 8 Magnetic Nonvolatile CMOS RAM
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com