Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB25SKG01-BB Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB25SKG01-BB
Description  General Specifications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB25SKG01-BB Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button KB25SKG01-BB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KB25SKG01-BB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KB25SKG01-BB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB25SKG01-BB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KB25SKG01-BB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KB25SKG01-BB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KB25SKG01-BB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KB25SKG01-BB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. KB25SKG01-BB Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Series KB
Miniature Pushbuttons
D27
D
www.nkkswitches.com
CONTACT MATERIALS, RATINGS & TERMINALS
Silver Contacts
Gold Contacts
Complete explanation of operating range in Supplement section.
W
G
LAMP COLORS & SPECIFICATIONS
The electrical specifications shown are determined at a basic temperature of 25°C.
LED circuit is isolated and requires external power source. Polarity marks are on the bottom of the switch.
If the source voltage exceeds the rated voltage, a ballast resistor is required.
The resistor value can be calculated by using the formula in the Supplement section.
Ambient Temperature Range for lamps below: –25°C ~ +50°C.
Power Level
1A @ 125V AC & 250V AC
Logic Level
0.4VA maximum @ 28V AC/DC
01 Solder Lug
(5.0)
.197
(1.8)
.071
(1.0)
.039
(2.0)
.079
Thk = (0.2)
.008
Com = (0.1)
.005
A partitioned plastic guard is supplied with each switch to provide insulation between terminals.
Installation steps:
1. Identify wire-to-terminal connections.
3. Solder the connections.
2. Thread wires through the guard.
4. Push the guard fully onto the switch body.
(17.0)
.669
(14.0) Dia
.551
(12.4) Dia
.488
Voltage
V
5V AC
12V AC
110V AC
Current
I
115mA
60mA
1.5mA
Endurance
Hours
7,000 average
10,000
05
12
01
Recommended Resistors
for Neon:
33K ohms for 110V AC;
100K ohms for 220V AC
T-1 Bi-pin
AT611
Incandescent
AT615
Neon
Incandescent & Neon Lamps
Resistor Codes
Color Codes:
Maximum Forward Current
I
FM
Typical Forward Current
I
F
25mA
20mA
10mA
Forward Voltage
V
F
5V
12V
24V
Maximum Reverse Voltage
V
RM
4V
8V
16V
Current Reduction Rate Above 25°C
∆I
F
5C
5D
5F
12
24
05
Red
Amber
Green
AT634
LEDs are colored
in OFF state.
T-114 Bi-pin
Bright LED with Resistor
(-)
(+)
(+)
(-)
(+)
(-)
AT634
5-volt
2-element
with 1 Resistor
AT634
12-volt
4-element
with 2 Resistors
AT634
24-volt
4-element
with 2 Resistors
BARRIER TYPE
No Code
No Barrier
Built-in bezel
B
With Barrier
Built-in barrier only available for Square and Rectangular
No Code
No Lamp
AT055 Crossover Guard


Similar Part No. - KB25SKG01-BB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB25SKG01 NKK-KB25SKG01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB25SKG01B NKK-KB25SKG01B Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB25SKG01B05A NKK-KB25SKG01B05A Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
KB25SKG01B05BB NKK-KB25SKG01B05BB Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
KB25SKG01B12A NKK-KB25SKG01B12A Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
More results

Similar Description - KB25SKG01-BB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com