Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSKA5M50B00-R3 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # TPSKA5M50B00-R3
Description  Ceramic Traps
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TPSKA5M50B00-R3 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  TPSKA5M50B00-R3 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TPSKA5M50B00-R3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TPSKA5M50B00-R3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of TPSKA5M50B00-R3 from the official website of Murata Manufacturing
Co., Ltd.
https://www.murata.com/en-us/products/productdetail?partno=TPSKA5M50B00-R3
TPSKA5M50B00-R3
Specifications
Center Frequency
5.500MHz
Attenuation(min.)
35dB
30dB Stop Bandwidth
70kHz (min.)
Ripple(max.)
0.5dB
Area of Ripple
[0 to 5MHz]
Elements
1
Shape
SMD
Operating Temperature Range
-
20
to
80
2 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last
updated 2017/11/09


Similar Part No. - TPSKA5M50B00-R3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TPSKA5M50B00-R3 MURATA-TPSKA5M50B00-R3 Datasheet
194Kb / 3P
   Operating Temperature Range
logo
Murata Manufacturing Co...
TPSKA5M50B00-R3 MURATA1-TPSKA5M50B00-R3 Datasheet
1Mb / 77P
   (Filters/Traps/Discriminators) for Audio/Visual Equipment
More results

Similar Description - TPSKA5M50B00-R3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TPSKA4M50B00-R3 MURATA-TPSKA4M50B00-R3_17 Datasheet
212Kb / 3P
   Ceramic Traps
TPSKA6M50B00-R3 MURATA-TPSKA6M50B00-R3_17 Datasheet
211Kb / 3P
   Ceramic Traps
TPSKA6M00B00-R3 MURATA-TPSKA6M00B00-R3_17 Datasheet
211Kb / 3P
   Ceramic Traps
MKTGA30M0AALP00B05 MURATA-MKTGA30M0AALP00B05 Datasheet
102Kb / 4P
   Traps for TV/VCR
logo
Spirax Sarco Limited.
TD62 SPIRAX-TD62 Datasheet
35Kb / 2P
   Thermo-Dynamic® Steam Traps
August 1996
logo
Murata Manufacturing Co...
SFE10.7 MURATA1-SFE10.7 Datasheet
1Mb / 77P
   (Filters/Traps/Discriminators) for Audio/Visual Equipment
logo
YAGEO Corporation
CC0402JRNPO9BN390 YAGEO-CC0402JRNPO9BN390 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC CERAMIC
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
TDK Electronics
CCR20.0MUC8T TDK-CCR20.0MUC8T Datasheet
112Kb / 7P
   Ceramic Resonators
logo
Caliber Electronics Inc...
ZTB CALIBER-ZTB Datasheet
39Kb / 1P
   Ceramic Resonator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com