Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC92432FA Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC92432FA
Description  1360 MHz Dual Output LVPECL Clock Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC92432FA Datasheet(HTML) 5 Page - Motorola, Inc

  MPC92432FA Datasheet HTML 1Page - Motorola, Inc MPC92432FA Datasheet HTML 2Page - Motorola, Inc MPC92432FA Datasheet HTML 3Page - Motorola, Inc MPC92432FA Datasheet HTML 4Page - Motorola, Inc MPC92432FA Datasheet HTML 5Page - Motorola, Inc MPC92432FA Datasheet HTML 6Page - Motorola, Inc MPC92432FA Datasheet HTML 7Page - Motorola, Inc MPC92432FA Datasheet HTML 8Page - Motorola, Inc MPC92432FA Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MPC92432
TIMING SOLUTIONS
5
MOTOROLA
Table 3. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output Termination Voltage
VCC – 2
V
MM
ESD Protection (Machine model)
200
V
HBM
ESD Protection (Human body model)
2000
V
LU
Latch-Up Immunity
200
mA
CIN
Input Capacitance
4.0
pF
Inputs
θ
JA
Thermal Resistance Junction to Ambient
JESD 51-3, single layer test board
JESD 51-6, 2S2P multilayer test board
——
TBD
°C/W
Natural convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
Natural convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
θ
JC
LQFP 32 Thermal Resistance Junction to Case
TBD
°C/W MIL-SPEC 883E
Method 1012.1
Table 4. Absolute Maximum Ratings1
1.
Absolute maximum continuos ratings are those maximum values beyond which damage to the device may occur. Exposure to these conditions
or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated conditions is not
implied.
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
–0.3
3.9
V
VIN
DC Input Voltage
–0.3
VCC+0.3
V
VOUT
DC Output Voltage
–0.3
VCC+0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage temperature
–65
125
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC92432FA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC92432 IDT-MPC92432 Datasheet
617Kb / 19P
   1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
More results

Similar Description - MPC92432FA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC92432 IDT-MPC92432 Datasheet
617Kb / 19P
   1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
logo
Freescale Semiconductor...
MPC92433 FREESCALE-MPC92433 Datasheet
412Kb / 20P
   1428 MHz Dual Output LVPECL Clock Synthesizer
logo
Renesas Technology Corp
8V43FS92432 RENESAS-8V43FS92432 Datasheet
594Kb / 28P
   1360MHz Dual Output LVPECL Clock Synthesizer
10/28/15
logo
Integrated Device Techn...
8V43FS92432 IDT-8V43FS92432 Datasheet
392Kb / 27P
   1360MHz Dual Output LVPECL Clock Synthesizer
logo
Freescale Semiconductor...
MPC9239 FREESCALE-MPC9239 Datasheet
358Kb / 14P
   900 MHz Low Voltage LVPECL Clock Synthesizer
logo
CTS Corporation
VCT2000A CTS-VCT2000A Datasheet
141Kb / 5P
   LVPECL Output-Dual Input Clock Generator
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
logo
Renesas Technology Corp
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com