Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GOT5152T-832 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # GOT5152T-832
Description  15 XGA TFT LCD display with LED backlight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT5152T-832 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  GOT5152T-832_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT5152T-832_17 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
504
Overview
Fanless
Touch Panel
Computers
Heavy-duty
Fanless Touch
Panel Computers
Industrial
Touch Panel
Computers
Industrial Touch
panel Monitors
Infotainment
Touch Panel
Computers
Open
Frame Panel
Computers
Healthcare
& Medical
Solutions
Accessories
1
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
I/O Connector
2 x RS-232 (COM 2/3)
1 x RS-232/422/485 (default RS-232, COM 1)
1 x VGA
1 x Audio (Line-out)
4 x USB 2.0
2 x 10/100/1000Mbps Ethernet
Expansion Interface
1 x PCI Express Mini Card slot
Touchscreen
Resistive type
Power Input
1. DC version: 10~30VDC with over-current protection fuse
2. AC version: 100-240V AC-DC 60W power adapter
Power Consumption
30W
Dimensions
387.9 mm (15.27") (W) x 54.6 mm (2.14") (D)
x 307.7 mm (12.11") (H)
Packing Dimensions
510 mm (20.08") (W) x 105 mm (4.13") (D)
x 385 mm (15.16") (H)
Weight (net/gross)
3.2 kg (7.05 lb)/5.1 kg (11.24 lb)
Environment
Operating temperature:
0°C ~ +50°C (+32°F ~ +122°F) (with W.T. DRAM/HDD in
airflow condition)
0°C ~ +45°C (+32°F ~ +113°F) (with W.T. DRAM/HDD)
Relative humidity: 20% ~ 90% @ 40°C; non-condensing
Operation vibration: 2G, 5 ~ 500Hz, random for
CompactFlash™
Certificate
UL 60950-1, CE
* Specification and certifications are based on options and may vary.
** W.T.: Wide Temperature. All W.T. supported products have to be sorted by Axiomtek.
Desktop stand
AC power adapter
(GOT5152T-832-J)
Ordering Information
Specifications
Optional EOS Installation
Optional OS Installation
Dimensions
GOT5152T-832-J
15" XGA fanless touch panel computer with Intel® Atom™
processor D2550, 5-wire resistive touch screen, AC-DC 60W
power adapter (screw type connector) and EMI class B
GOT5152T-832-DC
15" XGA fanless touch panel computer with Intel® Atom™
processor D2550, 5-wire resistive touch screen and
10-30VDC power input (terminal block connector)
* Specification and certifications are based on options and may vary.
WES
WES 7
Windows® XP
Windows® 7
Updated September 23, 2016.


Similar Part No. - GOT5152T-832_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT5152T-832-DC AXIOMTEK-GOT5152T-832-DC Datasheet
689Kb / 2P
   Easy for expansion: PCIe Mini Card
GOT5152T-832-J AXIOMTEK-GOT5152T-832-J Datasheet
689Kb / 2P
   Easy for expansion: PCIe Mini Card
More results

Similar Description - GOT5152T-832_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P6151 AXIOMTEK-P6151 Datasheet
184Kb / 2P
   15 TFT XGA LED backlight LCD
P6151O AXIOMTEK-P6151O Datasheet
269Kb / 2P
   15 XGA TFT LED backlight LCD
GOT5120T-845 AXIOMTEK-GOT5120T-845 Datasheet
449Kb / 2P
   12.1" XGA/SVGA TFT LCD display with LED backlight
GOT5100T-845 AXIOMTEK-GOT5100T-845 Datasheet
486Kb / 2P
   10.4" XGA/SVGA TFT LCD display with LED backlight
GOT5120T-832 AXIOMTEK-GOT5120T-832_17 Datasheet
515Kb / 2P
   12.1 XGA/SVGA TFT LCD display with LED backlight
P6121 AXIOMTEK-P6121 Datasheet
271Kb / 2P
   12.1 XGA TFT LED backlight LCD
logo
AAEON Technology
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
AGD-315R AAEON-AGD-315R Datasheet
294Kb / 2P
   15??XGA (1024 x 768) TFT LCD Display
logo
Axiomtek Co., Ltd.
GOT5840T-845 AXIOMTEK-GOT5840T-845 Datasheet
400Kb / 2P
   8.4 SVGA TFT LCD display with LED backlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com