Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECCZD55B51 Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # ECCZD55B51
Description  500mW Surface Mount Zener Diodes - 2.0V-100V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECCZD55B51 Datasheet(HTML) 6 Page - E-CMOS Corporation

  ECCZD55B51 Datasheet HTML 1Page - E-CMOS Corporation ECCZD55B51 Datasheet HTML 2Page - E-CMOS Corporation ECCZD55B51 Datasheet HTML 3Page - E-CMOS Corporation ECCZD55B51 Datasheet HTML 4Page - E-CMOS Corporation ECCZD55B51 Datasheet HTML 5Page - E-CMOS Corporation ECCZD55B51 Datasheet HTML 6Page - E-CMOS Corporation ECCZD55B51 Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
500mW Surface Mount Zener
Diodes - 2.0V-100V
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 7
5D14N-Rev. F001
ECCZD55C(B)2V0~
ECCZD55C(B)100
Pinning information
Suggested solder pad layout


Similar Part No. - ECCZD55B51

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCZD5Z2V4 E-CMOS-ECCZD5Z2V4 Datasheet
316Kb / 6P
   150mW Surface Mount Zener Diodes-2.4V-75V
More results

Similar Description - ECCZD55B51

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
MMSZ5221B CHENG-YI-MMSZ5221B Datasheet
734Kb / 4P
   500mW SURFACE MOUNT ZENER DIODES
logo
TAITRON Components Inco...
TZM5221B TAITRON-TZM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ4678 SUNMATE-MMSZ4678 Datasheet
316Kb / 2P
   500mW Surface Mount Zener Diodes
logo
TAITRON Components Inco...
ZMM5221B TAITRON-ZMM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
TZMC2V4 TAITRON-TZMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ2V4 SUNMATE-MMSZ2V4 Datasheet
387Kb / 3P
   500mW Surface Mount Zener Diodes
MMSZ5221 SUNMATE-MMSZ5221 Datasheet
224Kb / 2P
   500mW Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com