Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECCZD55B47 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # ECCZD55B47
Description  500mW Surface Mount Zener Diodes - 2.0V-100V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECCZD55B47 Datasheet(HTML) 1 Page - E-CMOS Corporation

  ECCZD55B47 Datasheet HTML 1Page - E-CMOS Corporation ECCZD55B47 Datasheet HTML 2Page - E-CMOS Corporation ECCZD55B47 Datasheet HTML 3Page - E-CMOS Corporation ECCZD55B47 Datasheet HTML 4Page - E-CMOS Corporation ECCZD55B47 Datasheet HTML 5Page - E-CMOS Corporation ECCZD55B47 Datasheet HTML 6Page - E-CMOS Corporation ECCZD55B47 Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
500mW Surface Mount Zener
Diodes - 2.0V-100V
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 7
5D14N-Rev. F001
ECCZD55C(B)2V0~
ECCZD55C(B)100
Features
Silicon epitaxial planar chip structure.
Wide zener reverse voltage range 2.0V to 100V.
Small package size for high density applications.
Glass hermetically sealed package.
Ideally suited for automated assembly processes.
5% tolerance of Zener voltage for suffix "C"
ex: ECCZD55C2V0-H
2% tolerance of Zener voltage for suffix "B"
ex: ECCZD55B2V0-H
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Mechanical Data
Case : Glass Mini-MELF / SOD-80
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.03 gram
Maximum ratings (At TA=25 oC unless otherwise noted)
Parameter
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF =200 mA DC
VF
1.50
V
Power Dissipation
PD
500
mW
Operating junction temperature range
TJ
-55
+175
Storage temperature range
TSTG
-65
+175


Similar Part No. - ECCZD55B47

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCZD5Z2V4 E-CMOS-ECCZD5Z2V4 Datasheet
316Kb / 6P
   150mW Surface Mount Zener Diodes-2.4V-75V
More results

Similar Description - ECCZD55B47

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
MMSZ5221B CHENG-YI-MMSZ5221B Datasheet
734Kb / 4P
   500mW SURFACE MOUNT ZENER DIODES
logo
TAITRON Components Inco...
TZM5221B TAITRON-TZM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ4678 SUNMATE-MMSZ4678 Datasheet
316Kb / 2P
   500mW Surface Mount Zener Diodes
logo
TAITRON Components Inco...
ZMM5221B TAITRON-ZMM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
TZMC2V4 TAITRON-TZMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ2V4 SUNMATE-MMSZ2V4 Datasheet
387Kb / 3P
   500mW Surface Mount Zener Diodes
MMSZ5221 SUNMATE-MMSZ5221 Datasheet
224Kb / 2P
   500mW Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com