Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT40K20-2DQC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT40K20-2DQC
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K20-2DQC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT40K20-2DQC Datasheet HTML 6Page - ATMEL Corporation AT40K20-2DQC Datasheet HTML 7Page - ATMEL Corporation AT40K20-2DQC Datasheet HTML 8Page - ATMEL Corporation AT40K20-2DQC Datasheet HTML 9Page - ATMEL Corporation AT40K20-2DQC Datasheet HTML 10Page - ATMEL Corporation AT40K20-2DQC Datasheet HTML 11Page - ATMEL Corporation AT40K20-2DQC Datasheet HTML 12Page - ATMEL Corporation AT40K20-2DQC Datasheet HTML 13Page - ATMEL Corporation AT40K20-2DQC Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
10
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
Figure 6. Some Single Cell Modes
DQ
DQ
Q
Q (Registered)
DQ
DQ
Synthesis Mode. This mode is particularly important for
the use of VHDL/Verilog design. VHDL/Verilog Synthesis
tools generally will produce as their output large amounts
of random logic functions. Having a 4-input LUT structure
gives efficient random logic optimization without the
delays associated with larger LUT structures. The output
of any cell may be registered, tri-stated and/or fed back
into a core cell.
Arithmetic Mode is frequently used in many designs.
As can be seen in the figure, the AT40K/AT40KLV core cell
can implement a 1-bit full adder (2-input adder with both
Carry In and Carry Out) in one core cell. Note that the
sum output in this diagram is registered. This output could
then be tri-stated and/or fed back into the cell.
DSP/Multiplier Mode. This mode is used to efficiently
implement array multipliers. An array multiplier is an array
of bitwise multipliers, each implemented as a full adder
with an upstream AND gate. Using this AND gate and the
diagonal interconnects between cells, the array multiplier
structure fits very well into the AT40K/AT40KLV
architecture.
Counter Mode. Counters are fundamental to almost all
digital designs. They are the basis of state machines,
timing chains and clock dividers. A counter is essentially
an increment by one function (i.e., an adder), with the
input being an output (or a decode of an output) from the
previous stage. A 1-bit counter can be implemented in one
core cell. Again, the output can be registered, tri-stated
and/or fed back.
Tri-state/Mux Mode. This mode is used in many
telecommunications applications, where data needs to be
routed through more than one possible path. The output of
the core cell is very often tri-statable for many inputs to
many outputs data switching.
A
B
C
D
A
B
C
A
B
C
D
A
B
C
EN
Q
Q
SUM (Registered)
SUM
and/or
PRODUCT
or
CARRY
PRODUCT (Registered)
CARRY
CARRY
CARRY IN
and/or
or
and/or
and/or


Similar Part No. - AT40K20-2DQC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K20 ATMEL-AT40K20 Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
AT40K20AL ATMEL-AT40K20AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K20AL ATMEL-AT40K20AL Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
More results

Similar Description - AT40K20-2DQC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
logo
Toshiba Semiconductor
TC110G TOSHIBA-TC110G Datasheet
2Mb / 5P
   50K gates/D.6ns. Compact and powerful!
logo
ATMEL Corporation
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S_05 Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com