Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GOT3126T-834 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # GOT3126T-834
Description  12.1 XGA TFT Extended Temp. Fanless Touch Panel Computer with Intel Atom
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT3126T-834 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  GOT3126T-834_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT3126T-834_17 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
572
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
8
9
1
0
Ordering Information
Specifications
Optional EOS Installation
Optional OS Installation
I/O Connector
3 x RS-232/422/485 (COM 1/2/3)
1 x VGA
1 x Audio (Line-out)
2 x USB 3.0
2 x USB 2.0
2 x 10/100/1000 Mbps Ethernet (Intel® i210AT)
Expansion Interface
2 x PCIe Mini Card slot
Touchscreen
Resistive type
Power Supply
9~36 VDC with power protection
Power Consumption
36 W
Dimensions
311.5 mm (12.21”) (W) x 56.9 mm (2.23”) (D)
x 250 mm (9.8”) (H)
Packing Dimensions
525 mm (20.67") (W) x 186 mm (7.32") (D) x 470 mm (18.51") (H)
Weight (net/gross)
2.8 kg (6.17 lb)/ 5 kg (11.02 lb)
Environment
Operating temperature: -20°C ~ +55°C (-4°F ~ +131°F)
(with W.T. DRAM/HDD/CF)
Relative humidity: 20% ~ 90% @ 40°C; non-condensing
Operation vibration:
1.3G, 10 ~ 500Hz, random for 2.5" HDD
2G, 10 ~ 500Hz, random for CompactFlash™
Certificate
CE
* W.T.: Wide Temperature. All W.T. supported products have to be sorted by Axiomtek.
GOT3126T-834
12.1" XGA TFT fanless touch panel computer with Intel®
Atom™ E3827 1.75 GHz dual core processor, resistive touch
screen and 9~36 VDC terminal block connector
* Specification and certifications are based on options and may vary.
WES7
WE8S
Windows® 8.1
Windows® 7
Dimensions


Similar Part No. - GOT3126T-834_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3126T-834 AXIOMTEK-GOT3126T-834_16 Datasheet
490Kb / 2P
   9~36VDC wide voltage and over current protection
More results

Similar Description - GOT3126T-834_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3126T-834 AXIOMTEK-GOT3126T-834 Datasheet
470Kb / 2P
   12.1 XGA TFT Extended Temp. Fanless Touch Panel Computer with Intel Atom Processor E3827 (-20C55C)
GOT5120T-845 AXIOMTEK-GOT5120T-845_17 Datasheet
449Kb / 2P
   12.1 XGA/SVGA TFT Fanless Touch Panel Computer with Intel Celeron
GOT3156T-834 AXIOMTEK-GOT3156T-834 Datasheet
378Kb / 2P
   15 XGA TFT Fanless Touch Panel Computer with Intel Atom Processor
GOT3156T-834 AXIOMTEK-GOT3156T-834_17 Datasheet
377Kb / 2P
   15 XGA TFT Fanless Touch Panel Computer with Intel Atom Processor E3827
MPC152-832 AXIOMTEK-MPC152-832_17 Datasheet
364Kb / 2P
   15 XGA TFT Medical Grade Fanless Touch Panel Computer with Intel Atom
GOT712-837 AXIOMTEK-GOT712-837_17 Datasheet
372Kb / 2P
   12.1 XGA TFT EN 50155 Railway Fanless Touch Panel PC with Intel Atom
GOT5152T-834 AXIOMTEK-GOT5152T-834_17 Datasheet
690Kb / 2P
   15 XGA TFT Fanless Touch Panel Computer with Intel Celeron
GOT812LR-834 AXIOMTEK-GOT812LR-834_17 Datasheet
373Kb / 2P
   12.1 XGA TFT IP66-rated Stainless Steel Fanless Touch Panel Computer
GOT812LR-834 AXIOMTEK-GOT812LR-834 Datasheet
528Kb / 2P
   12.1 XGA TFT IP66-rated Sunlight Readable Fanless Touch Panel Computer
logo
AAEON Technology
AHP-2122 AAEON-AHP-2122 Datasheet
368Kb / 2P
   12.1??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D525 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com