Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CO-766PSJ17 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CO-766PSJ17
Description  Surface Mount Oven Controlled Crystal Oscillators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CO-766PSJ17 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CO-766PSJ17 Datasheet HTML 1Page - List of Unclassifed Manufacturers CO-766PSJ17 Datasheet HTML 2Page - List of Unclassifed Manufacturers CO-766PSJ17 Datasheet HTML 3Page - List of Unclassifed Manufacturers CO-766PSJ17 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CO-760PS Series Surface Mount Oven Controlled Crystal Oscillators
Performance Characteristics
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
2
CO-764/766/767PS Series
CO-767/768PS Series
(AT cut crystal)
(SC cut crystal)
Frequency:
4.8 MHz to 61.44 MHz with
5, 10, 13, 16.384, 20, 20.48, 26, 38.88, 52 and 61.44 MHz standard
Temperature stability:
Temperature Range B: 0°C to +50°C
B38: ±3 x 10-8
B18: ±1 x 10-8
Temperature Range D: -20°C to +70°C
D58: ±5 x 10-8
D28: ±2 x 10-8
Temperature Range J: -10°C to +75°C
J17: ±1 x 10-7
J58: ±5 x 10-8
Aging:
CO-764PS: 5 x 10-9/day (5 x 10-7/year)
CO-767PS: 1 x 10-9/day (1 x 10-7/year)
CO-766PS 3 x 10-9/day (3 x 10-7/year)
CO-768PS: 5 x 10-10/day (5 x 10-8/year)
CO-767PS 1 x 10-9/day (1 x 10-7/year)
optional for some frequencies
Warm-up:
to within 1 x 10-7 of final frequency
to within 1 x 10-8 of final
(after 24 hours off)
in 5 minutes @ 25°C
frequency in 5 minutes @ 25°C
Frequency vs. Supply (±5%):
5 x 10-9 per percent
2 x 10-9 per percent
Short Term (Allan Variance):
1 x 10-10 /second
5 x 10-11 /second
Output level:
HCMOS/TTL Standard, >0.5 Vrms/50
Ω (+7 dBm) optional
(LVCMOS output with +3.3 volt power supply)
Harmonics (sinewave):
-25 dBc
Power supply:
+5 Vdc ±5%; 2.5W peak @ -20°C; 1.0W stabilized at 25°C
(+3.3 VdC ±5%, optional)
Frequency adjustment:
±5 x 10-6 typical for 0 to 4V control
±2 x 10-6 typical for 0 to 4V control
Phase Noise:
-100 dBc/Hz @ 10 Hz offset
-110 dBc/Hz @ 10 Hz offset
(typical)
-140 dBc/Hz @ 50 kHz offset
-145 dBc/Hz @ 50 kHz offset
Size:
0.8” x 0.8” x 0.6” max. (20.5 x 20.5 x 15.2mm)
Base:
FR4 material with Gull wing leads
Reflow:
240 (+5, -0)°C for 10 to 40 seconds
Characteristic
Parameter


Similar Part No. - CO-766PSJ17

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CO-766PSJ17110 VECTRON-CO-766PSJ17110 Datasheet
126Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
CO-766PSJ17113 VECTRON-CO-766PSJ17113 Datasheet
126Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
CO-766PSJ17116.384 VECTRON-CO-766PSJ17116.384 Datasheet
126Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
CO-766PSJ17120 VECTRON-CO-766PSJ17120 Datasheet
126Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
CO-766PSJ17120.48 VECTRON-CO-766PSJ17120.48 Datasheet
126Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
More results

Similar Description - CO-766PSJ17

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CO-760PS VECTRON-CO-760PS Datasheet
126Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
OC-290 VECTRON-OC-290 Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.18.14
logo
Vectron International, ...
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
   Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
   Oven Controlled Crystal Oscillators
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
   Oven Controlled Crystal Oscillators
OX20 BOWEI-OX20 Datasheet
283Kb / 1P
   Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-24.576MHZ-M6069LF ABRACON-AOCJYR-24.576MHZ-M6069LF Datasheet
2Mb / 4P
   Oven Controlled Crystal Oscillators
08.20.14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com