Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZD5Z16V Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # ZD5Z16V
Description  150mW Surface Mount Zener Diodes-2.4V-75V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ZD5Z16V Datasheet(HTML) 1 Page - E-CMOS Corporation

  ZD5Z16V Datasheet HTML 1Page - E-CMOS Corporation ZD5Z16V Datasheet HTML 2Page - E-CMOS Corporation ZD5Z16V Datasheet HTML 3Page - E-CMOS Corporation ZD5Z16V Datasheet HTML 4Page - E-CMOS Corporation ZD5Z16V Datasheet HTML 5Page - E-CMOS Corporation ZD5Z16V Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
150mW Surface Mount
Zener Diodes-2.4V-75V
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 6
5A27N-Rev. F001
ECCZD5Z2V4~
ECCZD5Z75V
Features
Silicon epitaxial planar chip structure.
Wide zener reverse voltage range 2.4V to 75V.
Tiny package size for high density applications.
Ideally suited for automated assembly processes.
ESD Rating of Class 3(>16kV)per Human Body Model
Lead-free parts meet RoHS requirments.
Suffix "-H" indicates Halogen-free part, ex.ECCZD5Z2VA-H.
Mechanical Data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic, SOD-523FL
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.002 gram
Maximum ratings (At TA=25 oC unless otherwise noted)
Parameter
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 10 mA
VF
0.9
V
Total Device Dissipation
on FR-5 Board @
TA =25°C
PD
150
mW
Thermal Resistance from
Junction to ambient
R
θJA
625
/W
Operating junction temperature range
TJ
-65
0.5
Storage temperature range
TSTG
-65


Similar Part No. - ZD5Z16V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ZD5.1-AE3-R UTC-ZD5.1-AE3-R Datasheet
117Kb / 3P
   ZENER DIODE
ZD5.1-CL2-R UTC-ZD5.1-CL2-R Datasheet
117Kb / 3P
   ZENER DIODE
ZD5.1L-AE3-R UTC-ZD5.1L-AE3-R Datasheet
117Kb / 3P
   ZENER DIODE
ZD5.1L-CL2-R UTC-ZD5.1L-CL2-R Datasheet
117Kb / 3P
   ZENER DIODE
ZD5.6-AE3-R UTC-ZD5.6-AE3-R Datasheet
117Kb / 3P
   ZENER DIODE
More results

Similar Description - ZD5Z16V

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
logo
SeCoS Halbleitertechnol...
MM5ZXXXT SECOS-MM5ZXXXT Datasheet
61Kb / 2P
   150mW , SOT-523 Surface Mount Zener Diodes
logo
Diodes Incorporated
MMBZ5221BT DIODES-MMBZ5221BT Datasheet
65Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. C-2
MMBZ5221BT DIODES-MMBZ5221BT_1 Datasheet
461Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
DS30267 Rev. 9 - 2
MMBZ5221BT DIODES-MMBZ5221BT_08 Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 11 - 2 June 2008
BZX84C2V4T DIODES-BZX84C2V4T_15 Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
BZX84C5V6TQ DIODES-BZX84C5V6TQ Datasheet
585Kb / 5P
   150mW SURFACE MOUNT ZENER DIODE
January 2023 Rev. 1 - 2
BZX84C2V4T DIODES-BZX84C2V4T_08 Datasheet
163Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
Rev. 10 - 2 May 2008
MMBZ5221BT DIODES-MMBZ5221BT_15 Datasheet
156Kb / 4P
   150mW SURFACE MOUNT ZENER DIODE
BZX84C2V4T DIODES-BZX84C2V4T_1 Datasheet
372Kb / 3P
   150mW SURFACE MOUNT ZENER DIODE
DS30262 Rev. 8 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com