Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECF800 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # ECF800
Description  315/433MHz OOK/ASK Receiver SOC for Home Automation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECF800 Datasheet(HTML) 2 Page - E-CMOS Corporation

  ECF800 Datasheet HTML 1Page - E-CMOS Corporation ECF800 Datasheet HTML 2Page - E-CMOS Corporation ECF800 Datasheet HTML 3Page - E-CMOS Corporation ECF800 Datasheet HTML 4Page - E-CMOS Corporation ECF800 Datasheet HTML 5Page - E-CMOS Corporation ECF800 Datasheet HTML 6Page - E-CMOS Corporation ECF800 Datasheet HTML 7Page - E-CMOS Corporation ECF800 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 8
4K10N Rev. F001
315/433MHz OOK/ASK Receiver SOC for
Home Automation
ECF800
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
AC Electrical Characteristics (Ta =25℃, VIN =5V, VSS = 0V)
Parameter
Symbol
Conditions
Max storage temperature
TSTOREmax
+150℃
Min storage temperature
TSTOREmin
-60℃
Power supply voltage
VIN
-0.1V to +5.5V
Electrostatic discharge
VESD
1KV
Parameter
Condition
Min.
Typ.
Max. Unit
Receiver Sensitivity
fRX=315MHz, 2Kbp
-110
-115
dBm
fRX=433.92MHz, 2Kbps
-110
-115
dBm
Image Rejection
25
dB
LO Signal Leakage
to RF port
-80
dBm
Valid data Out
settling time
Shutdown to enable & C=1nF
3.5
ms
Shutdown to enable & C=10nF
17
ms
IF Bandwidth
300
KHz
Maximum Receive
Input Power
Continuous wave signal
-25
dBm
Reference OSC
Frequency
fRX=315MHz
19.66825
MHz
fRX=433.92MHz
13.5475
MHz
RSSI Range
With AGC ON
75
dB
Data rate
2
8
Kb/s


Similar Part No. - ECF800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ECF80 PHILIPS-ECF80 Datasheet
99Kb / 5P
   TRIODE-PENTODE
8.8.1957
More results

Similar Description - ECF800

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH71101 MELEXIS-TH71101_17 Datasheet
1Mb / 20P
   315/433MHz FSK/ASK Receiver
logo
List of Unclassifed Man...
TH7110 ETC-TH7110 Datasheet
703Kb / 20P
   315/433MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH71101 MELEXIS-TH71101 Datasheet
404Kb / 22P
   315/433MHz FSK/FM/ASK Receiver
logo
Princeton Technology Co...
PT4307 PTC-PT4307 Datasheet
343Kb / 5P
   Compact 315 MHz OOK/ASK Receiver
logo
Melexis Microelectronic...
TH71102 MELEXIS-TH71102 Datasheet
416Kb / 22P
   315/433MHz FSK/FM/ASK Receiver
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
   ASK/OOK Receiver
logo
Princeton Technology Co...
PT4318 PTC-PT4318 Datasheet
277Kb / 5P
   Low Power 315/433MHz OOK/ASK Super-heterodyne Receiver with SAW-Based Oscillator
logo
Micrel Semiconductor
MICRF218 MICREL-MICRF218_11 Datasheet
832Kb / 23P
   3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
logo
Holtek Semiconductor In...
HT9831 HOLTEK-HT9831 Datasheet
112Kb / 9P
   315/433MHz ASK Transmitter
BC68F2420 HOLTEK-BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com