Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGN21009Z Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # AGN21009Z
Description  ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AGN21009Z Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  AGN21009Z Datasheet HTML 1Page - Nais(Matsushita Electric Works) AGN21009Z Datasheet HTML 2Page - Nais(Matsushita Electric Works) AGN21009Z Datasheet HTML 3Page - Nais(Matsushita Electric Works) AGN21009Z Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GN
125
GN-RELAYS
ULTRA-SMALL PACKAGE
SLIM POLARIZED RELAY
5.70
±0.3
.224
±.012
10.60
±0.3
.417
±.012
9.00
±0.3
.354
±.012
5.70
±0.3
.224
±.012
10.60
±0.3
.417
±.012
Max.10.00
.394
mm inch
FEATURES
• Compact slim body saves space
Thanks to the small surface area of 5.7
mm
× 10.6 mm .224 inch × .417 inch and
low height of 9.0 mm .354 inch, the pack-
aging density can be increased to allow
for much smaller designs.
• Outstanding surge resistance.
Surge withstand between open contacts:
1,500 V 10
×160 µs (FCC part 68)
Surge withstand between contacts and
coil: 2,500 V 2
×10 µs (Bellcore)
• The use of twin crossbar contacts en-
sures high contact reliability.
AgPd contact is used because of its good
sulfide resistance. Adopting low-gas
molding material. Coil assembly molding
technology which avoids generating vola-
tile gas from coil.
• Increased packaging density
Due to highly efficient magnetic circuit de-
sign, leakage flux is reduced and changes
in electrical characteristics from compo-
nents being mounted close-together are
minimized. This all means a packaging
density higher than ever before.
• Nominal operating power: 140 mW
• Outstanding vibration and shock re-
sistance.
Functional shock resistance:
750 m/s2 {75G}
Destructive shock resistance:
1,000 m/s2 {100G}
Functional vibration resistance:
10 to 55 Hz (at double amplitude of 3.3
mm .130 inch)
Destructive vibration resistance:
10 to 55 Hz (at double amplitude of 5 mm
.197 inch)
SPECIFICATIONS
Contact
Remarks:
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section.
*2 Detection current: 10mA.
*3 Nominal voltage applied to the coil, excluding contact bounce time.
*4 By resistive method, nominal voltage applied to the coil; contact carrying current:
1 A.
*5 Half-wave pulse of sine wave: 6 ms; detection time: 10
µs.
*6 Half-wave pulse of sine wave: 6 ms.
*7 Detection time: 10
µs.
*8 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61)
Characteristics
Notes:
f1 This value can change due to the switching frequency, environmental conditions,
and desired reliability level, therefore it is recommended to check this with the
actual load.
f2 The upper limit for the ambient temperature is the maximum temperature that
can satisfy the coil temperature rise. Under the packing condition, allowable
temperature range is from –40 to +70
°C –40° to +158°F.
Arrangement
2 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1A )
100 m
Contact material
Stationary: AgPd+Au clad
Movable: AgPd
Rating
Nominal switching capacity
(resistive load)
1 A 30 V DC
0.3 A 125 V AC
Max. switching power
(resistive load)
30 W, 37.5 V A
Max. switching voltage
110 V DC, 125 V AC
Max. switching current
1 A
Min. switching capacity f1
10
µA 10 mV DC
Nominal
operating
power
Single side stable
140mW (1.5 to 12 V DC)
230mW (24 V DC)
1 coil latching
100mW (1.5 to 12 V DC)
120mW (24 V DC)
Expected
life (min.
operations)
Mechanical (at 180 cpm)
5
× 107
Electrical
(at 20 cpm)
1 A 30 V DC
resistive
105
0.3 A 125 V AC
resistive
105
Initial insulation resistance*1
Min. 1,000M
Ω (at 500V DC)
Initial
breakdown
voltage*2
Between open contacts
750 Vrms for 1min.
Between contact sets
1,000 Vrms for 1min.
Between contacts and coil
1,500 Vrms for 1min.
Initial surge
voltage
Between open contacts
(10
×160 µs)
1,500 V (FCC Part 68)
Between contacts and coil
(2
×10 µs)
2,500 V (Bellcore)
Operate time [Set time]*3 (at 20
°C)
Max. 4 ms (Approx. 2 ms)
[Max. 4 ms (Approx. 2 ms)]
Release time (without diode)
[Reset time]*3 (at 20
°C)
Max. 4 ms (Approx. 1 ms)
[Max. 4 ms (Approx. 2 ms)]
Temperature rise*4 (at 20
°C)
Max. 50
°C
Shock resistance
Functional*5
Min. 750 m/s2{75G]
Destructive*6
Min. 1,000 m/s2{100G]
Vibration resistance
Functional*7
10 to 55 Hz at double
amplitude of 3.3 mm
Destructive
10 to 55 Hz at double
amplitude of 5 mm
Conditions for opera-
tion, transport and
storage*8
(Not freezing and con-
densing at low tem-
perature)
Ambient
temperature f2
–40
°C to 85°C
–40
°F to 185°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 1 g.035 oz
TESTING


Similar Part No. - AGN21009Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AGN21009 PANASONIC-AGN21009 Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
More results

Similar Description - AGN21009Z

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGN200A1HZ NAIS-AGN200A1HZ Datasheet
105Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
GQ-RELAYS NAIS-GQ-RELAYS Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
TN2-3V NAIS-TN2-3V Datasheet
78Kb / 4P
   SLIM POLARIZED RELAY
TN2-12 NAIS-TN2-12 Datasheet
76Kb / 4P
   SLIM POLARIZED RELAY
logo
Picker Components
PC458 PICKER-PC458_17 Datasheet
183Kb / 2P
   Ultra Slim Inline Relay
PC458 PICKER-PC458 Datasheet
187Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC458 PICKER-PC458_14 Datasheet
183Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_17 Datasheet
790Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_14 Datasheet
161Kb / 2P
   Ultra Slim Inline Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com