Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9600BCPZ-125 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9600BCPZ-125
Description  1.8 V Dual Analog-to-Digital Converter
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9600BCPZ-125 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9600BCPZ-125 Datasheet HTML 2Page - Analog Devices AD9600BCPZ-125 Datasheet HTML 3Page - Analog Devices AD9600BCPZ-125 Datasheet HTML 4Page - Analog Devices AD9600BCPZ-125 Datasheet HTML 5Page - Analog Devices AD9600BCPZ-125 Datasheet HTML 6Page - Analog Devices AD9600BCPZ-125 Datasheet HTML 7Page - Analog Devices AD9600BCPZ-125 Datasheet HTML 8Page - Analog Devices AD9600BCPZ-125 Datasheet HTML 9Page - Analog Devices AD9600BCPZ-125 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
AD9600
Rev. B | Page 5 of 72
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 3.3 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference,
DCS enabled, fast detect output pins disabled, signal monitor disabled, unless otherwise noted.
Table 1.
Parameter
Temp
AD9600ABCPZ-105/
AD9600BCPZ-105
AD9600ABCPZ-125/
AD9600BCPZ-125
AD9600ABCPZ-150/
AD9600BCPZ-150
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
10
10
10
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
Full
±0.3
±0.7
±0.3
±0.7
±0.3
±0.7
% FSR
Gain Error
Full
−3.6
−2.2
−1.0
−4.0
−2.5
−1.3
−4.3
−3.0
−1.6
% FSR
Differential Nonlinearity (DNL)1
Full
±0.2
±0.2
±0.2
LSB
25°C
±0.1
±0.1
±0.1
LSB
Integral Nonlinearity (INL)1
Full
±0.3
±0.3
±0.4
LSB
25°C
±0.1
±0.1
±0.1
LSB
MATCHING CHARACTERISTICS
Offset Error
Full
±0.3
±0.7
±0.3
±0.7
±0.2
±0.7
% FSR
Gain Error
Full
±0.2
±0.8
±0.3
±0.8
±0.2
±0.8
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±15
±15
±15
ppm/°C
Gain Error
Full
±95
±95
±95
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
Full
±5
±16
±5
±16
±5
±16
mV
Load Regulation @ 1.0 mA
Full
7
7
7
mV
INPUT-REFERRED NOISE
VREF = 1.0 V
25°C
0.1
0.1
0.1
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0 V
Full
2
2
2
V p-p
Input Capacitance2
Full
8
8
8
pF
VREF INPUT RESISTANCE
Full
6
6
6
POWER SUPPLIES
Supply Voltage
AVDD, DVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD (CMOS Mode)
Full
1.7
3.3
3.6
1.7
3.3
3.6
1.7
3.3
3.6
V
Supply Current
IAVDD1
Full
310
385
419
mA
IDVDD1
Full
34
42
50
mA
IAVDD and IDVDD1, 3
365
455
495
IDRVDD (3.3 V CMOS)
Full
35
36
42
mA
IDRVDD (1.8 V CMOS)
Full
15
18
22
mA
IDRVDD (1.8 V LVDS)
42
44
46
mA
POWER CONSUMPTION
DC Input
Full
600
650
750
800
825
890
mW
Sine Wave Input1
DRVDD = 1.8 V
Full
645
813
892
mW
DRVDD = 3.3 V
Full
740
900
990
mW
Standby Power3
Full
68
77
77
mW
Power-Down Power
Full
2.5
6
2.5
6
2.5
6
mW
1 Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
2 Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to Figure 8 for the equivalent analog input structure.
3 Standby power is measured with a dc input and the CLK+ and CLK− pins inactive )set to AVDD or AGND.


Similar Part No. - AD9600BCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9600BCPZ-125 AD-AD9600BCPZ-125 Datasheet
2Mb / 72P
   10-Bit, 105 MSPS/125 MSPS/150 MSPS
REV. B
More results

Similar Description - AD9600BCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9628 AD-AD9628_17 Datasheet
1Mb / 43P
   1.8 V Dual Analog-to-Digital Converter
AD9204 AD-AD9204_17 Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
AD9627 AD-AD9627_17 Datasheet
2Mb / 77P
   1.8 V Dual Analog-to-Digital Converter
AD9251 AD-AD9251_17 Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9608 AD-AD9608_17 Datasheet
1Mb / 41P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com