Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9204-20EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9204-20EBZ
Description  1.8 V Dual Analog-to-Digital Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9204-20EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9204-20EBZ Datasheet HTML 3Page - Analog Devices AD9204-20EBZ Datasheet HTML 4Page - Analog Devices AD9204-20EBZ Datasheet HTML 5Page - Analog Devices AD9204-20EBZ Datasheet HTML 6Page - Analog Devices AD9204-20EBZ Datasheet HTML 7Page - Analog Devices AD9204-20EBZ Datasheet HTML 8Page - Analog Devices AD9204-20EBZ Datasheet HTML 9Page - Analog Devices AD9204-20EBZ Datasheet HTML 10Page - Analog Devices AD9204-20EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AD9204
Data Sheet
Rev. A | Page 6 of 36
DIGITAL SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS,
DCS disabled, unless otherwise noted.
Table 3.
Parameter
Temp
AD9204-20/AD9204-40/AD9204-65/AD9204-80
Unit
Min
Typ
Max
DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
0.9
V
Differential Input Voltage
Full
0.2
3.6
V p-p
Input Voltage Range
Full
GND − 0.3
AVDD + 0.2
V
High Level Input Current
Full
−10
+10
μA
Low Level Input Current
Full
−10
+10
μA
Input Resistance
Full
8
10
12
Input Capacitance
Full
4
pF
LOGIC INPUTS (SCLK/DFS, SYNC, PDWN)1
High Level Input Voltage
Full
1.2
DRVDD + 0.3
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
−50
−75
μA
Low Level Input Current
Full
−10
+10
μA
Input Resistance
Full
30
Input Capacitance
Full
2
pF
LOGIC INPUTS (CSB)2
High Level Input Voltage
Full
1.2
DRVDD + 0.3
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
−10
+10
μA
Low Level Input Current
Full
+40
+135
μA
Input Resistance
Full
26
Input Capacitance
Full
2
pF
LOGIC INPUTS (SDIO/DCS)2
High Level Input Voltage
Full
1.2
DRVDD + 0.3
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
−10
+10
μA
Low Level Input Current
Full
+40
+130
μA
Input Resistance
Full
26
Input Capacitance
Full
5
pF
DIGITAL OUTPUTS
DRVDD = 3.3 V
High Level Output Voltage, IOH = 50 μA
Full
3.29
V
High Level Output Voltage, IOH = 0.5 mA
Full
3.25
V
Low Level Output Voltage, IOL = 1.6 mA
Full
0.2
V
Low Level Output Voltage, IOL = 50 μA
Full
0.05
V
DRVDD = 1.8 V
High Level Output Voltage, IOH = 50 μA
Full
1.79
V
High Level Output Voltage, IOH = 0.5 mA
Full
1.75
V
Low Level Output Voltage, IOL = 1.6 mA
Full
0.2
V
Low Level Output Voltage, IOL = 50 μA
Full
0.05
V
1 Internal 30 kΩ pull-down.
2 Internal 30 kΩ pull-up.


Similar Part No. - AD9204-20EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9204-20EBZ1 AD-AD9204-20EBZ1 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9204-20EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9628 AD-AD9628_17 Datasheet
1Mb / 43P
   1.8 V Dual Analog-to-Digital Converter
AD9627 AD-AD9627_17 Datasheet
2Mb / 77P
   1.8 V Dual Analog-to-Digital Converter
AD9251 AD-AD9251_17 Datasheet
1Mb / 37P
   1.8 V Dual Analog-to-Digital Converter
AD9600 AD-AD9600 Datasheet
2Mb / 73P
   1.8 V Dual Analog-to-Digital Converter
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9608 AD-AD9608_17 Datasheet
1Mb / 41P
   1.8 V Dual Analog-to-Digital Converter (ADC)
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com