Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9254BCPZRL7-150 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9254BCPZRL7-150
Description  Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9254BCPZRL7-150 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9254BCPZRL7-150 Datasheet HTML 3Page - Analog Devices AD9254BCPZRL7-150 Datasheet HTML 4Page - Analog Devices AD9254BCPZRL7-150 Datasheet HTML 5Page - Analog Devices AD9254BCPZRL7-150 Datasheet HTML 6Page - Analog Devices AD9254BCPZRL7-150 Datasheet HTML 7Page - Analog Devices AD9254BCPZRL7-150 Datasheet HTML 8Page - Analog Devices AD9254BCPZRL7-150 Datasheet HTML 9Page - Analog Devices AD9254BCPZRL7-150 Datasheet HTML 10Page - Analog Devices AD9254BCPZRL7-150 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
AD9254
Rev. 0 | Page 6 of 40
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 2.5 V, unless otherwise noted.
Table 4.
AD9254BCPZ-150
Parameter1
Temperature
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Conversion Rate, DCS Enabled
Full
20
150
MSPS
Conversion Rate, DCS Disabled
Full
10
150
MSPS
CLK Period
Full
6.7
ns
CLK Pulse Width High, DCS Enabled
Full
2.0
3.3
4.7
ns
CLK Pulse Width High, DCS Disabled
Full
3.0
3.3
3.7
ns
DATA OUTPUT PARAMETERS
Data Propagation Delay (tPD)2
Full
3.1
3.9
4.8
ns
DCO Propagation Delay (tDCO)
Full
4.4
ns
Setup Time (tS)
Full
1.9
2.9
ns
Hold Time (tH)
Full
3.0
3.8
ns
Pipeline Delay (Latency)
Full
12
Cycles
Aperture Delay (tA)
Full
0.8
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.1
ps rms
Wake-Up Time3
Full
350
μs
OUT-OF-RANGE RECOVERY TIME
Full
3
Cycles
SERIAL PORT INTERFACE4
SCLK Period (tCLK)
Full
40
ns
SCLK Pulse Width High Time (tHI)
Full
16
ns
SCLK Pulse Width Low Time (tLO)
Full
16
ns
SDIO to SCLK Setup Time (tDS)
Full
5
ns
SDIO to SCLK Hold Time (tDH)
Full
2
ns
CSB to SCLK Setup Time (tS)
Full
5
ns
CSB to SCLK Hold Time (tH)
Full
2
ns
1 See Application Note AN-835, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Output propagation delay is measured from CLK 50% transition to DATA 50% transition, with 5 pF load.
3 Wake-up time is dependent on the value of the decoupling capacitors, values shown with 0.1 μF capacitor across REFT and REFB.
4 See Figure 50 and the Serial Port Interface (SPI) section.
TIMING DIAGRAM
CLK+
DCO
DATA
N
N+ 1
N+ 2
N+ 3
N+ 4
N+ 5
N+ 6
N+ 7
N+ 8
N – 12
N – 11
N – 10
N – 9
N – 8
N – 7
N – 6
N – 5
N – 4
N – 13
CLK–
tCLK
tPD
tS
tH
tDCO
tCLK
tA
Figure 2. Timing Diagram


Similar Part No. - AD9254BCPZRL7-150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9254BCPZ-150 AD-AD9254BCPZ-150 Datasheet
1Mb / 40P
   14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9254BCPZRL7-150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com