Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9230-170EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9230-170EBZ
Description  1.8 V Analog-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230-170EBZ Datasheet(HTML) 1 Page - Analog Devices

  AD9230-170EBZ Datasheet HTML 1Page - Analog Devices AD9230-170EBZ Datasheet HTML 2Page - Analog Devices AD9230-170EBZ Datasheet HTML 3Page - Analog Devices AD9230-170EBZ Datasheet HTML 4Page - Analog Devices AD9230-170EBZ Datasheet HTML 5Page - Analog Devices AD9230-170EBZ Datasheet HTML 6Page - Analog Devices AD9230-170EBZ Datasheet HTML 7Page - Analog Devices AD9230-170EBZ Datasheet HTML 8Page - Analog Devices AD9230-170EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
12-Bit, 170 MSPS/210 MSPS/250 MSPS,
1.8 V Analog-to-Digital Converter
AD9230
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 64.9 dBFS @ fIN up to 70 MHz @ 250 MSPS
ENOB of 10.4 @ fIN up to 70 MHz @ 250 MSPS (−1.0 dBFS)
SFDR = −79 dBc @ fIN up to 70 MHz @ 250 MSPS (−1.0 dBFS)
Excellent linearity
DNL = ±0.3 LSB typical
INL = ±0.5 LSB typical
LVDS at 250 MSPS (ANSI-644 levels)
700 MHz full power analog bandwidth
On-chip reference, no external decoupling required
Integrated input buffer and track-and-hold
Low power dissipation
434 mW @ 250 MSPS—LVDS SDR mode
400 mW @ 250 MSPS—LVDS DDR mode
Programmable input voltage range
1.0 V to 1.5 V, 1.25 V nominal
1.8 V analog and digital supply operation
Selectable output data format (offset binary, twos
complement, Gray code)
Clock duty cycle stabilizer
Integrated data capture clock
APPLICATIONS
Wireless and wired broadband communications
Cable reverse path
Communications test equipment
Radar and satellite subsystems
Power amplifier linearization
FUNCTIONAL BLOCK DIAGRAM
AGND
PWDN
RBIAS
AVDD (1.8V)
VIN+
VIN–
CML
TRACK-AND-HOLD
REFERENCE
ADC
12-BIT
CORE
OUTPUT
STAGING
LVDS
CLK+
CLK–
CLOCK
MANAGEMENT
SERIAL PORT
RESET SCLK SDIO CSB
DCO–
DCO+
OR–
OR+
D11 TO D0
DRGND
DRVDD
12
12
AD9230
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The AD9230 is a 12-bit monolithic sampling analog-to-digital
converter optimized for high performance, low power, and ease
of use. The product operates at up to a 250 MSPS conversion
rate and is optimized for outstanding dynamic performance in
wideband carrier and broadband systems. All necessary
functions, including a track-and-hold (T/H) and voltage
reference, are included on the chip to provide a complete signal
conversion solution.
The ADC requires a 1.8 V analog voltage supply and a
differential clock for full performance operation. The digital
outputs are LVDS (ANSI-644) compatible and support either
twos complement, offset binary format, or Gray code. A data
clock output is available for proper output data timing.
Fabricated on an advanced CMOS process, the AD9230 is
available in a 56-lead LFCSP, specified over the industrial
temperature range (−40°C to +85°C).
PRODUCT HIGHLIGHTS
1.
High Performance—Maintains 64.9 dBFS SNR @ 250 MSPS
with a 70 MHz input.
2.
Low Power—Consumes only 434 mW @ 250 MSPS.
3.
Ease of Use—LVDS output data and output clock signal
allow interface to current FPGA technology. The on-chip
reference and sample and hold provide flexibility in system
design. Use of a single 1.8 V supply simplifies system
power supply design.
4.
Serial Port Control—Standard serial port interface supports
various product functions, such as data formatting, disabling
the clock duty cycle stabilizer, power-down, gain adjust,
and output test pattern generation.
5.
Pin-Compatible Family—10-bit pin-compatible family
offered as AD9211.


Similar Part No. - AD9230-170EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9230-170EB AD-AD9230-170EB Datasheet
2Mb / 21P
   12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
Rev. PrE
More results

Similar Description - AD9230-170EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com