Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS61577-IL1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CS61577-IL1
Description  T1/E1 LINE INTERFACE
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS61577-IL1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CS61577-IL1 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS61577-IL1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
ANALOG SPECIFICATIONS (TA = -40
°C to 85°C; TV+, RV+ = 5.0V ±5%; GND = 0V)
Parameter
Min
Typ
Max
Units
Transmitter
AMI Output Pulse Amplitudes
(Note 11)
E1, 75
(Note 12)
E1, 120
(Note 13)
T1, (FCC Part 68)
(Note 14)
T1, DSX-1
(Note 15)
2.14
2.7
2.7
2.4
2.37
3.0
3.0
3.0
2.6
3.3
3.3
3.6
V
V
V
V
Load Presented To Transmitter Output
(Note 11)
-
25
-
Jitter Added During Remote Loopback
(Note 16)
10Hz - 8kHz
8kHz - 40kHz
10Hz - 40kHz
Broad Band
-
-
-
-
0.005
0.008
0.010
0.015
-
-
-
-
UI
UI
UI
UI
Power in 2kHz band about 772kHz
(Notes 11, 17)
12.6
15
17.9
dBm
Power in 2kHz band about 1.544MHz
(Notes 11, 17)
(referenced to power in 2kHz band at 772kHz)
-29
-38
-
dB
Positive to Negative Pulse Imbalance
(Notes 11, 17)
-
0.2
0.5
dB
Transmitter Output Impedance
(Notes 17, 18)
-
-
10
Transmitter Short Circuit Current
(Notes 11, 19)
-
-
50
mA RMS
Notes: 11. Using a 0.47
µF capacitor in series with the primary of a transformer recommended
in the Applications Section.
12. Pulse amplitude measured at the output of the transformer across a 75
Ω load for line length
settings LEN2/1/0 = 0/0/1 and 0/0/0. For LEN2/1/0 = 0/0/0 only, a 4.4
Ω resistor is required
in series with the transformer primary.
13. Pulse amplitude measured at the output of the transformer across a 120
Ω load for line length
setting LEN2/1/0 = 0/0/0.
14. Pulse amplitude measured at the output of the transformer across a 100
Ω load for line length
setting LEN2/1/0 = 0/1/0.
15. Pulse amplitude measured at the DSX-1 Cross-Connect for all line length settings from
LEN2/1/0 = 0/1/1 to LEN2/1/0 = 1/1/1.
16. Input signal to RTIP/RRING is jitter free. Values will reduce slightly if jitter free clock is input to TCLK.
17. Not production tested. Parameters guaranteed by design and characterization.
18. Measured between the TTIP and TRING pins at 772 kHz during marks and spaces.
19. Measured broadband through a 0.5
Ω resistor across the secondary of the transmitter transformer
during the transmission of an all ones data pattern with LEN2/1/0 = 0/0/0 or 0/0/1.
CS61577
DS155PP2
3


Similar Part No. - CS61577-IL1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61577-IL1 CIRRUS-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
CS61577-IL1Z CIRRUS-CS61577-IL1Z Datasheet
438Kb / 30P
   T1/E1 Line Interface
More results

Similar Description - CS61577-IL1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
   T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
   T1/E1 Line Interface
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
CS61574A CIRRUS-CS61574A Datasheet
651Kb / 44P
   T1/E1 LINE INTERFACE
CS61305A CIRRUS-CS61305A Datasheet
631Kb / 44P
   T1/E1 LINE INTERFACE
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
   DUAL T1/E1 LINE INTERFACE
logo
Allied Components Inter...
ATE-4207I ALLIED-ATE-4207I Datasheet
317Kb / 1P
   T1/E1/CEPT Line Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com