Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSL14 Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # PSL14
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

PSL14 Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  PSL14 Datasheet HTML 1Page - GOOD-ARK Electronics PSL14 Datasheet HTML 2Page - GOOD-ARK Electronics PSL14 Datasheet HTML 3Page - GOOD-ARK Electronics PSL14 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PSL14
Surface Mount Schottky Rectifier
Reverse Voltage 40V Forward Current 1A
These materials are intended as a reference to assist our customers in the selection of the Suzhou Good-Ark
product best suited to the customer
’s application; they do not convey any license under any intellectual property
rights, or any other rights, belonging to Suzhou Good-Ark Electronics Co., Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or infringement of any third-
party
’ s rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit
application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts, programs and algorithms
represents information on products at the time of publication of these materials, and are subject to change by
Suzhou Good-Ark Electronics Co., Ltd. without notice due to product improvements or other reasons. It is
therefore recommended that customers contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized Suzhou
Good-Ark Electronics Co., Ltd. for the latest product information before purchasing a product listed herein. The
information described here may contain technical inaccuracies or typographical errors. Suzhou Good-Ark
Electronics Co., Ltd. assumes no responsibility for any damage, liability, or other loss rising from these
inaccuracies or errors. Please also pay attention to information published by Suzhou Good-Ark Electronics Co.,
Ltd. by various means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data, diagrams, charts,
programs, and algorithms, Please be sure to evaluate all information as a total system before making a final
decision on the applicability of the information and products. Suzhou Good-Ark Electronics Co., Ltd. assumes no
responsibility for any damage, liability or other loss resulting from the information contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or reproduce in whole
or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further details on these
materials or the products contained herein.
Disclaimers
www.goodark.com
4/4
2016.03-Rev.A


Similar Part No. - PSL14

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PSL14 PACELEADER-PSL14 Datasheet
260Kb / 2P
   SILICON EPITAXIAL PLANER TYPE
PSL14-M PACELEADER-PSL14-M Datasheet
271Kb / 2P
   SILICON EPITAXIAL PLANER TYPE
PSL14-MH PACELEADER-PSL14-MH Datasheet
272Kb / 2P
   SILICON EPITAXIAL PLANER TYPE
PSL14-N PACELEADER-PSL14-N Datasheet
260Kb / 2P
   SILICON EPITAXIAL PLANER TYPE
More results

Similar Description - PSL14

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com