Electronic Components Datasheet Search |
|
KB26MKG01B-A Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
KB26MKG01B-A Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
6 / 14 page Series KB Miniature Pushbuttons D27 D www.nkkswitches.com CONTACT MATERIALS, RATINGS & TERMINALS Silver Contacts Gold Contacts Complete explanation of operating range in Supplement section. W G LAMP COLORS & SPECIFICATIONS The electrical specifications shown are determined at a basic temperature of 25°C. LED circuit is isolated and requires external power source. Polarity marks are on the bottom of the switch. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement section. Ambient Temperature Range for lamps below: –25°C ~ +50°C. Power Level 1A @ 125V AC & 250V AC Logic Level 0.4VA maximum @ 28V AC/DC 01 Solder Lug (5.0) .197 (1.8) .071 (1.0) .039 (2.0) .079 Thk = (0.2) .008 Com = (0.1) .005 A partitioned plastic guard is supplied with each switch to provide insulation between terminals. Installation steps: 1. Identify wire-to-terminal connections. 3. Solder the connections. 2. Thread wires through the guard. 4. Push the guard fully onto the switch body. (17.0) .669 (14.0) Dia .551 (12.4) Dia .488 Voltage V 5V AC 12V AC 110V AC Current I 115mA 60mA 1.5mA Endurance Hours 7,000 average 10,000 05 12 01 Recommended Resistors for Neon: 33K ohms for 110V AC; 100K ohms for 220V AC T-1 Bi-pin AT611 Incandescent AT615 Neon Incandescent & Neon Lamps Resistor Codes Color Codes: Maximum Forward Current I FM — — — Typical Forward Current I F 25mA 20mA 10mA Forward Voltage V F 5V 12V 24V Maximum Reverse Voltage V RM 4V 8V 16V Current Reduction Rate Above 25°C ∆I F — — — 5C 5D 5F 12 24 05 Red Amber Green AT634 LEDs are colored in OFF state. T-11⁄4 Bi-pin Bright LED with Resistor (-) (+) (+) (-) (+) (-) AT634 5-volt 2-element with 1 Resistor AT634 12-volt 4-element with 2 Resistors AT634 24-volt 4-element with 2 Resistors BARRIER TYPE No Code No Barrier Built-in bezel B With Barrier Built-in barrier only available for Square and Rectangular No Code No Lamp AT055 Crossover Guard |
Similar Part No. - KB26MKG01B-A |
|
Similar Description - KB26MKG01B-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |