Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1650CT Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SF1650CT
Description  16.0A GLASS PASSIVATED SUPERFAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SF1650CT Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SF1650CT Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SF1650CT Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
SF1610CT – SF1660CT
SF1610CT – SF1660CT
30
60
90
0
120
150
180
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
1630 - 1660
1610 - 1620
0.1
1.0
10
100
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
Pulse width = 300 s
2% duty cycle
µ
1660
1630 - 1640
1610 - 1620
0
4
8
12
16
20
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°


Similar Part No. - SF1650CT

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SF1650CT DYELEC-SF1650CT Datasheet
665Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Microdiode Electronics ...
SF1650CT CHENDA-SF1650CT Datasheet
1Mb / 2P
   100 to 600 Volts Forward Current - 16 Amperes
More results

Similar Description - SF1650CT

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MUR1610CT ZSELEC-MUR1610CT Datasheet
205Kb / 2P
   16.0A GLASS PASSIVATED SUPERFAST RECTIFIER
ER1610CT ZSELEC-ER1610CT Datasheet
163Kb / 2P
   16.0A GLASS PASSIVATED SUPERFAST RECTIFIER
GSA1601 ZSELEC-GSA1601 Datasheet
133Kb / 2P
   16.0A GLASS PASSIVATED RECTIFIER
ER1610FCT ZSELEC-ER1610FCT Datasheet
166Kb / 2P
   16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SFF1610CT ZSELEC-SFF1610CT Datasheet
103Kb / 2P
   16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
MURF1610CT ZSELEC-MURF1610CT Datasheet
152Kb / 2P
   16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
SFB1610CT ZSELEC-SFB1610CT Datasheet
130Kb / 2P
   16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
MURB1610CT ZSELEC-MURB1610CT Datasheet
238Kb / 2P
   16.0A GLASS PASSIVATED SUPER FAST RECTIFIER
MUR1010CT ZSELEC-MUR1010CT Datasheet
205Kb / 2P
   10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MURB510 ZSELEC-MURB510 Datasheet
229Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com