Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29400DCT3 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29400DCT3
Description  VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29400DCT3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ29400DCT3 Datasheet HTML 2Page - Texas Instruments BQ29400DCT3 Datasheet HTML 3Page - Texas Instruments BQ29400DCT3 Datasheet HTML 4Page - Texas Instruments BQ29400DCT3 Datasheet HTML 5Page - Texas Instruments BQ29400DCT3 Datasheet HTML 6Page - Texas Instruments BQ29400DCT3 Datasheet HTML 7Page - Texas Instruments BQ29400DCT3 Datasheet HTML 8Page - Texas Instruments BQ29400DCT3 Datasheet HTML 9Page - Texas Instruments BQ29400DCT3 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - BQ29400DCT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29400DCT3 TI1-BQ29400DCT3 Datasheet
1Mb / 16P
[Old version datasheet]   VOLTAGE PROTECTION
BQ29400DCT3E6 TI1-BQ29400DCT3E6 Datasheet
1Mb / 16P
[Old version datasheet]   VOLTAGE PROTECTION
More results

Similar Description - BQ29400DCT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
logo
Unisonic Technologies
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Texas Instruments
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com