Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29400DCT3 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29400DCT3
Description  VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29400DCT3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ29400DCT3 Datasheet HTML 2Page - Texas Instruments BQ29400DCT3 Datasheet HTML 3Page - Texas Instruments BQ29400DCT3 Datasheet HTML 4Page - Texas Instruments BQ29400DCT3 Datasheet HTML 5Page - Texas Instruments BQ29400DCT3 Datasheet HTML 6Page - Texas Instruments BQ29400DCT3 Datasheet HTML 7Page - Texas Instruments BQ29400DCT3 Datasheet HTML 8Page - Texas Instruments BQ29400DCT3 Datasheet HTML 9Page - Texas Instruments BQ29400DCT3 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
BQ29400ADCT3
ACTIVE
SM8
DCT
8
3000
Pb-Free
(RoHS)
CU SNBI
Level-1-250C-UNLIM
BQ29400ADCT3R
ACTIVE
SM8
DCT
8
3000
TBD
Call TI
Call TI
BQ29400PW
ACTIVE
TSSOP
PW
8
150
TBD
CU NIPDAU
Level-1-220C-UNLIM
BQ29400PWR
ACTIVE
TSSOP
PW
8
2000
TBD
CU NIPDAU
Level-1-220C-UNLIM
BQ29401DCT
PREVIEW
SM8
DCT
8
TBD
Call TI
Call TI
BQ29401DCTR
PREVIEW
SM8
DCT
8
3000
TBD
Call TI
Call TI
BQ29401PW
ACTIVE
TSSOP
PW
8
150
TBD
CU NIPDAU
Level-1-220C-UNLIM
BQ29401PWR
ACTIVE
TSSOP
PW
8
2000
TBD
CU NIPDAU
Level-1-220C-UNLIM
BQ29405DCT3
ACTIVE
SM8
DCT
8
3000
Pb-Free
(RoHS)
CU SNBI
Level-1-250C-UNLIM
BQ29405DCT3R
PREVIEW
SM8
DCT
8
3000
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Mar-2005
Addendum-Page 1


Similar Part No. - BQ29400DCT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29400DCT3 TI1-BQ29400DCT3 Datasheet
1Mb / 16P
[Old version datasheet]   VOLTAGE PROTECTION
BQ29400DCT3E6 TI1-BQ29400DCT3E6 Datasheet
1Mb / 16P
[Old version datasheet]   VOLTAGE PROTECTION
More results

Similar Description - BQ29400DCT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29410 TI-BQ29410_07 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
logo
Unisonic Technologies
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Texas Instruments
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com