Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT40K05LV-3BQI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT40K05LV-3BQI
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K05LV-3BQI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT40K05LV-3BQI Datasheet HTML 1Page - ATMEL Corporation AT40K05LV-3BQI Datasheet HTML 2Page - ATMEL Corporation AT40K05LV-3BQI Datasheet HTML 3Page - ATMEL Corporation AT40K05LV-3BQI Datasheet HTML 4Page - ATMEL Corporation AT40K05LV-3BQI Datasheet HTML 5Page - ATMEL Corporation AT40K05LV-3BQI Datasheet HTML 6Page - ATMEL Corporation AT40K05LV-3BQI Datasheet HTML 7Page - ATMEL Corporation AT40K05LV-3BQI Datasheet HTML 8Page - ATMEL Corporation AT40K05LV-3BQI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
3
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
Cache Logic Design
The AT40K/AT40KLV, AT6000 and FPSLIC families are capable of implementing
Cache Logic (dynamic full/partial logic reconfiguration, without loss of data, on-the-fly)
for building adaptive logic and systems. As new logic functions are required, they can be
loaded into the logic cache without losing the data already there or disrupting the opera-
tion of the rest of the chip; replacing or com plementing the active logic. The
AT40K/AT40KLV can act as a reconfigurable coprocessor.
Automatic Component
Generators
The AT40K/AT40KLV FPGA family is capable of implementing user-defined, automati-
cally generated, macros in multiple designs; speed and functionality are unaffected by
the macro orientation or density of the target device. This enables the fastest, most pre-
dictable and efficient FPGA design approach and minimizes design risk by reusing
already proven functions. The Automatic Component Generators work seamlessly with
industry standard schematic and synthesis tools to create the fastest, most efficient
designs available.
The patented AT40K/AT40KLV series architecture employs a symmetrical grid of small
yet powerful cells connected to a flexible busing network. Independently controlled
clocks and resets govern every column of cells. The array is surrounded by programma-
ble I/O.
Devices range in size from 5,000 to 50,000 usable gates in the family, and have 256 to
2,304 registers. Pin locations are consistent throughout the AT40K/AT40KLV series for
easy design migration in the same package footprint. The AT40K/AT40KLV series
FPGAs utilize a reliable 0.6µ single-poly, CMOS process and are 100% factory-tested.
Atmel’s PC- and workstation-based integrated development system (IDS) is used to cre-
ate AT40K/AT40KLV series designs. Multiple design entry methods are supported.
The Atmel architecture was developed to provide the highest levels of performance,
functional density and design flexibility in an FPGA. The cells in the Atmel array are
small, efficient and can implement any pair of Boolean functions of (the same) three
inputs or any single Boolean function of four inputs. The cell’s small size leads to arrays
with large numbers of cells, greatly multiplying the functionality in each cell. A simple,
high-speed busing network provides fast, efficient communication over medium and
long distances.


Similar Part No. - AT40K05LV-3BQI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05 Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05 ATMEL-AT40K05_14 Datasheet
88Kb / 4P
   Ultra High Performance
More results

Similar Description - AT40K05LV-3BQI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
logo
Toshiba Semiconductor
TC110G TOSHIBA-TC110G Datasheet
2Mb / 5P
   50K gates/D.6ns. Compact and powerful!
logo
ATMEL Corporation
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S_05 Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com