Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24008PWP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24008PWP
Description  SINGLE CELL LI ION CHARGE MANAGEMENT IC WITH TIMER ENABLE FOR PDAS AND INTERNET APPLIANCES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24008PWP Datasheet(HTML) 2 Page - Texas Instruments

  BQ24008PWP Datasheet HTML 1Page - Texas Instruments BQ24008PWP Datasheet HTML 2Page - Texas Instruments BQ24008PWP Datasheet HTML 3Page - Texas Instruments BQ24008PWP Datasheet HTML 4Page - Texas Instruments BQ24008PWP Datasheet HTML 5Page - Texas Instruments BQ24008PWP Datasheet HTML 6Page - Texas Instruments BQ24008PWP Datasheet HTML 7Page - Texas Instruments BQ24008PWP Datasheet HTML 8Page - Texas Instruments BQ24008PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
bq24007
bq24008
SLUS479D − JANUARY 2001 − REVISED NOVEMBER 2004
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGE
CHARGE STATUS
TJ
20-LEAD HTTSOP PowerPAD
(PWP)(1)
20-LEAD 5 mm
× 5 mm MLP
(RGW)(2)
CHARGE STATUS
CONFIGURATION
−40
°C to 125°C
bq24007PWP
bq24007RGW
Single LED
−40
°C to 125°C
bq24008PWP
Not available
Single bicolor LED
(1) The PWP package is available taped and reeled. Add R suffix to device type (e.g. bq24007PWPR) to order. Quantities 2500 devices per reel.
(2) The RGW package is available taped and reeled. Add R suffix to device type (e.g. bq24007RGWR) to order. Quantities 3000 devices per reel.
PACKAGE DISSIPATION RATINGS
PACKAGE
ΘJA
ΘJC
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
PWP(1)
30.88
°C/W
1.19
°C/W
3.238 W
0.0324W/
°C
RGW(2)
31.41
°C/W
1.25
°C/W
3.183 W
0.0318W/
°C
(1) This data is based on using the JEDEC high-K board and topside traces, top and bottom thermal pad (6,5 × 3,4 mm), internal 1 oz power and
ground planes, 8 thermal via underneath the die connecting to ground plane.
(2) This data is based on using the JEDEC high-K board and topside traces, top and bottom thermal pad (3,25 × 3,25 mm), internal 1 oz power
and ground planes, 9 thermal via underneath the die connecting to ground plane.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
bq24007
bq24008
Supply voltage (VCC with respect to GND)
13.5 V
Input voltage (IN, ISNS, TMR EN, APG/THERM/CR/STAT1/STAT2, VSENSE, TMR SEL, VSEL) (all with respect to GND)
13.5 V
Output current (OUT pins)
2 A
Output sink/source current (STAT1 and STAT2)
10 mA
Operating free-air temperature range, TA
−40
°C to 70°C
Storage temperature range, Tstg
−65
°C to 150°C
Junction temperature range, TJ
−40
°C to 125°C
Lead temperature (Soldering, 10 s)
300
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply voltage, VCC
4.5
10
V
Input voltage, VIN
4.5
10
V
Continuous output current
1.2
A
Operating junction temperature range, TJ
−40
125
°C


Similar Part No. - BQ24008PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24001 TI1-BQ24001 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24001PWP TI-BQ24001PWP Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24001PWP TI1-BQ24001PWP Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24001PWPG4 TI1-BQ24001PWPG4 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
More results

Similar Description - BQ24008PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24004 TI-BQ24004 Datasheet
174Kb / 22P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24001 TI1-BQ24001_12 Datasheet
881Kb / 31P
[Old version datasheet]   SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com