Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT40K05LV-3AJI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT40K05LV-3AJI
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K05LV-3AJI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT40K05LV-3AJI Datasheet HTML 4Page - ATMEL Corporation AT40K05LV-3AJI Datasheet HTML 5Page - ATMEL Corporation AT40K05LV-3AJI Datasheet HTML 6Page - ATMEL Corporation AT40K05LV-3AJI Datasheet HTML 7Page - ATMEL Corporation AT40K05LV-3AJI Datasheet HTML 8Page - ATMEL Corporation AT40K05LV-3AJI Datasheet HTML 9Page - ATMEL Corporation AT40K05LV-3AJI Datasheet HTML 10Page - ATMEL Corporation AT40K05LV-3AJI Datasheet HTML 11Page - ATMEL Corporation AT40K05LV-3AJI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
8
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
Cell Connections
Figure 4(a) depicts direct connections between a cell and its eight nearest neighbors.
Figure 4(b) shows the connections between a cell and five horizontal local buses (1 per
busing plane) and five vertical local buses (1 per busing plane).
Figure 4. Cell Connections
The Cell
Figure 5 depicts the AT40K/AT40KLV cell. Configuration bits for separate muxes and
pass gates are independent. All permutations of programmable muxes and pass gates
are legal. Vn (V1 -V5) is connected to the vertical local bus in plane n. Hn (H1 -H5)is
connected to the horizontal local bus in plane
n. A local/local turn in plane n is achieved
by turning on the two pass gates connected to Vn and Hn. Pass gates are opened to let
signals into the cell from a local bus or to drive a signal out onto a local bus. Signals
coming into the logic cell on one local bus plane can be switched onto another plane by
opening two of the pass gates. This allows bus signals to switch planes to achieve
greater route ability. Up to five simultaneous local/local turns are possible.
The AT40K/AT40KLV FPGA core cell is a highly configurable logic block based around
two 3-input LUTs (8 x 1 ROM), which can be combined to produce one 4-input LUT.
This means that any core cell can implement two functions of 3 inputs or one function of
4 inputs. There is a Set/Reset D flip-flop in every cell, the output of which may be tri-
stated and fed back internally within the core cell. There is also a 2-to-1 multiplexer in
every cell, and an upstream AND gate in the “front end” of the cell. This AND gate is an
important feature in the implementation of efficient array multipliers.
With this functionality in each core cell, the core cell can be configured in several
“modes”. The core cell flexibility makes the AT40K/AT40KLV architecture well suited to
most digital design application areas, see Figure 6.
CELL
CELL
CELL
CELL
CELL
CELL
CELL
CELL
CELL
(a) Cell-to-cell Connections
(b) Cell-to-bus Connections
W
X
Y
Z
L
WXYZL
Orthogonal
Direct Connect
Diagonal
Direct Connect
Horizontal
Busing Plane
Vertical
Busing Plane
Plane 5
Plane 4
Plane 3
Plane 2
Plane 1
CELL


Similar Part No. - AT40K05LV-3AJI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05 Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05 ATMEL-AT40K05_14 Datasheet
88Kb / 4P
   Ultra High Performance
More results

Similar Description - AT40K05LV-3AJI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL Datasheet
43Kb / 4P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
logo
Toshiba Semiconductor
TC110G TOSHIBA-TC110G Datasheet
2Mb / 5P
   50K gates/D.6ns. Compact and powerful!
logo
ATMEL Corporation
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S_05 Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com