Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2050 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # BQ2050
Description  Lithium Ion Power Gauge IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BQ2050 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  BQ2050 Datasheet HTML 1Page - List of Unclassifed Manufacturers BQ2050 Datasheet HTML 2Page - List of Unclassifed Manufacturers BQ2050 Datasheet HTML 3Page - List of Unclassifed Manufacturers BQ2050 Datasheet HTML 4Page - List of Unclassifed Manufacturers BQ2050 Datasheet HTML 5Page - List of Unclassifed Manufacturers BQ2050 Datasheet HTML 6Page - List of Unclassifed Manufacturers BQ2050 Datasheet HTML 7Page - List of Unclassifed Manufacturers BQ2050 Datasheet HTML 8Page - List of Unclassifed Manufacturers BQ2050 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Gas Gauge Operation
The operational overview diagram in Figure 2 illustrates
the operation of the bq2050. The bq2050 accumulates a
measure of charge and discharge currents, as well as an
estimation of self-discharge. Charge and discharge cur-
rents are temperature and rate compensated, whereas
self-discharge is only temperature compensated.
The main counter, Nominal Available Capacity (NAC),
represents the available battery capacity at any given
time.
Battery charging increments the NAC register,
while battery discharging and self-discharge decrement
the NAC register and increment the DCR (Discharge
Count Register).
The Discharge Count Register (DCR) is used to update
the Last Measured Discharge (LMD) register only if a
complete battery discharge from full to empty occurs
without any partial battery charges.
Therefore, the
bq2050 adapts its capacity determination based on the
actual conditions of discharge.
The battery's initial capacity is equal to the Pro-
grammed Full Count (PFC) shown in Table 2. Until
LMD is updated, NAC counts up to but not beyond this
threshold during subsequent charges. This approach al-
lows the gas gauge to be charger-independent and com-
patible with any type of charge regime.
1.
Last Measured Discharge (LMD) or learned
battery capacity:
LMD is the last measured discharge capacity of the
battery. On initialization (application of VCC or bat-
tery replacement), LMD = PFC. During subsequent
discharges, the LMD is updated with the latest
measured capacity in the Discharge Count Register
(DCR) representing a discharge from full to below
EDV1. A qualified discharge is necessary for a capac-
ity transfer from the DCR to the LMD register. The
LMD also serves as the 100% reference threshold
used by the relative display mode.
5
bq2050
FG205002.eps
Rate and
Temperature
Compensation
Temperature
Compensation
Charge
Current
Discharge
Current
Self-Discharge
Timer
Temperature
Translation
Nominal
Available
Charge
(NAC)
Last
Measured
Discharged
(LMD)
Discharge
Count
Register
(DCR)
<
Qualified
Transfer
+
Rate and
Temperature
Compensation
Rate and
Temperature
Compensation
Temperature Step,
Other Data
+
-
-
+
Inputs
Main Counters
and Capacity
Reference (LMD)
Outputs
Serial
Port
Compensated
Available Charge
LED Display, etc.
Figure 2. Operational Overview


Similar Part No. - BQ2050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2050 TI-BQ2050 Datasheet
235Kb / 21P
[Old version datasheet]   Lithium Ion Power Gauge??IC
BQ2050 TI1-BQ2050 Datasheet
1Mb / 27P
[Old version datasheet]   Lithium Ion Power Gauge??IC
BQ2050H TI-BQ2050H Datasheet
213Kb / 25P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge IC
BQ2050H TI1-BQ2050H Datasheet
1Mb / 30P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge??IC
BQ2050HSN TI-BQ2050HSN Datasheet
213Kb / 25P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge IC
More results

Similar Description - BQ2050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2050 TI-BQ2050 Datasheet
235Kb / 21P
[Old version datasheet]   Lithium Ion Power Gauge??IC
BQ2050 TI1-BQ2050_15 Datasheet
1Mb / 27P
[Old version datasheet]   Lithium Ion Power Gauge??IC
BQ2050H TI-BQ2050H Datasheet
213Kb / 25P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge IC
BQ2050H TI1-BQ2050H_15 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge??IC
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
[Old version datasheet]   Lithium Ion Fast-Charge IC
logo
Mitsumi Electronics, Co...
MM3645 MITSUMI-MM3645 Datasheet
50Kb / 4P
   1cell Lithium-ion/Lithium-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5420 HMSEMI-HM5420 Datasheet
1Mb / 15P
   2 lithium ion/lithium polymer battery protection IC
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com