Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGN210A09 Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # AGN210A09
Description  ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AGN210A09 Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  AGN210A09 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AGN210A09 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AGN210A09 Datasheet HTML 3Page - Nais(Matsushita Electric Works) AGN210A09 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GN
128
NOTES
1. Coil operating power
1) As a general rule, only a pure DC pow-
er supply should be used for the coil drive.
2) To ensure proper operation, the voltage
applied to both terminals of the coil should
be
±5% (at 20°C 68°F) the rated operating
voltage of the coil. Also, be aware that the
pick-up and drop-out voltages will fluctu-
ate depending on the ambient tempera-
ture and operating conditions.
3) The ripple factor for the voltage applied
to the coil should be less than 5%.
4) For set and reset latching relays, the
rated operating voltage should be applied
to the coil for 10 ms or more.
2. Coil connection
When connecting coils, refer to the wiring
diagram to prevent mis-operation or mal-
function.
3. External magnetic field
Since GN relays are highly sensitive po-
larized relays, their characteristics will be
affected by a strong external magnetic
field. Avoid using the relay under that con-
ditions.
4. Cleaning
In automatic cleaning, cleaning with the
boiling method is recommended. Avoid ul-
trasonic cleaning which subjects the relay
to high frequency vibrations. It may cause
the contacts to stick.
lt is recommended that a fluorinated hy-
drocarbon or other alcoholic solvent be
used.
5. Packing style
1) The relay is packed in a tube with the
relay orientation mark on the left side, as
shown in the figure below.
2) Tape and reel packing
(A type)
(1)-1 Tape dimensions
mm inch
(S type)
(1)-2 Tape dimensions
(2) Dimensions of plastic peel
mm inch
6. Automatic insertion
To maintain the internal function of the
relay, the chucking pressure should not
exceed the values below.
Chucking pressure in the direction A:
4.9 N {500gf} or less
Chucking pressure in the direction B:
9.8 N {1 kgf} or less
Chucking pressure in the direction C:
9.8 N {1 kgf} or less
Please chuck the
portion.
Avoid chucking the center of the relay.
In addition, excessive chucking pressure
to the pinpoint of the relay should be
avoided.
Orientation (indicates PIN No.1)stripe
Stopper (green)
Stopper (red)
Relay polarity bar
(Z type)
Tape coming out direction
General tolerance
±0.1 mm .004 inch
4.00
.157
1.75
.069
0.40
.016
10.70
±0.2
.421
±.008
2.00
.079
2.00dia
.079dia
GN relays
16.00
.630
8.00
.315
11.50
.453
24.00
±0.3
.945
±.012
11.10
.437
1.50
+0.1
0
dia
.059
+.004
0
dia
Relay polarity bar
(Z type)
Tape coming out direction
General tolerance
±0.1 mm .004 inch
1.50
+0.1
0
dia
.059
+.004
0
dia
2.0dia
.079dia
4.00
.157
1.75
.069
10.70
±0.2
.421
±.008
0.40
.016
2.00
.079
GN relays
16.00
.630
6.3
.248
11.50
.453
11.10
.437
24.00
±0.3
.945
±.012
21
±0.8 dia.
.827
±.031 dia.
13
±0.2 dia.
.512
±.008 dia.
24.4
.961
+2
0
+.079
0
100
±1 dia.
3.937
±.039 dia.
2.0
±0.2
.079
±.008
370
±2 dia.
14.567
±.079 dia.
2.0
±0.5
.079
±.020
A
C
B
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - AGN210A09

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AGN210A09 PANASONIC-AGN210A09 Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
AGN210A09Z PANASONIC-AGN210A09Z Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
More results

Similar Description - AGN210A09

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGN200A1HZ NAIS-AGN200A1HZ Datasheet
105Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
GQ-RELAYS NAIS-GQ-RELAYS Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
TN2-3V NAIS-TN2-3V Datasheet
78Kb / 4P
   SLIM POLARIZED RELAY
TN2-12 NAIS-TN2-12 Datasheet
76Kb / 4P
   SLIM POLARIZED RELAY
logo
Picker Components
PC458 PICKER-PC458_17 Datasheet
183Kb / 2P
   Ultra Slim Inline Relay
PC458 PICKER-PC458 Datasheet
187Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC458 PICKER-PC458_14 Datasheet
183Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_17 Datasheet
790Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_14 Datasheet
161Kb / 2P
   Ultra Slim Inline Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com