Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1058235 Datasheet(PDF) 9 Page - SICK AG

Part # 1058235
Description  PHOTOELECTRIC SENSORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1058235 Datasheet(HTML) 9 Page - SICK AG

Back Button 1058235 Datasheet HTML 2Page - SICK AG 1058235 Datasheet HTML 3Page - SICK AG 1058235 Datasheet HTML 4Page - SICK AG 1058235 Datasheet HTML 5Page - SICK AG 1058235 Datasheet HTML 6Page - SICK AG 1058235 Datasheet HTML 7Page - SICK AG 1058235 Datasheet HTML 8Page - SICK AG 1058235 Datasheet HTML 9Page - SICK AG 1058235 Datasheet HTML 10Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
WL9LG-3P2432 | W9LG-3
PHOTOELECTRIC SENSORS
Brief description
Type
Part no.
Suitable for laser sensors, self-adhesive, cut, see alignment note, 56.3 mm x 56.3 mm,
self-adhesive
REF-AC1000-56
4063030
Fine triple reflector, chemically resistant, screw connection, 18 mm x 18 mm, Plastic,
Screw-on, 2 hole mounting
PL10F CHEM
5321636
Chemically resistant, screw connection, suitable for laser sensors, 16 mm x 38 mm,
Plastic, Screw-on, 2 hole mounting
PL20F-CHEM
5326089
Stainless steel reflector, hygienic design, chemically resistant, enclosure rating IP69K,
D12 adapter shaft, 25 mm x 25 mm, Stainless steel V4A (1.4404, 316L), D12-adapter
shaft
PLH25-D12
2063404
Stainless steel reflector, hygienic design, chemically resistant, Enclosure rating IP 69K,
M12-adapter thread, 25 mm x 25 mm, Stainless steel V4A (1.4404, 316L), M12-
adapter thread
PLH25-M12
2063403
Stainless steel reflector, washdown design, chemically resistant, IP 69K enclosure rat-
ing, screw connection, 14 mm x 14 mm, Stainless steel V4A (1.4404, 316L), Screw-on,
2 hole mounting
PLV14-A
2063405
2017-07-11 19:36:27 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
9


Similar Part No. - 1058235

ManufacturerPart #DatasheetDescription
logo
SICK AG
1058234 SICK-1058234 Datasheet
4Mb / 10P
   PHOTOELECTRIC SENSORS
More results

Similar Description - 1058235

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com