Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6050760 Datasheet(PDF) 3 Page - SICK AG

Part # 6050760
Description  FIBER-OPTIC SENSORS AND FIBERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6050760 Datasheet(HTML) 3 Page - SICK AG

  6050760 Datasheet HTML 1Page - SICK AG 6050760 Datasheet HTML 2Page - SICK AG 6050760 Datasheet HTML 3Page - SICK AG 6050760 Datasheet HTML 4Page - SICK AG 6050760 Datasheet HTML 5Page - SICK AG 6050760 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WLL180T-M634 | WLL180T
FIBER-OPTIC SENSORS AND FIBERS
Display
LED status display / 2x 4-character digital dual displays, Set value (green indicator) and actual
value (red indicator) are displayed simultaneously, display of parameters
1) Up to 15 expansion units can be connected.
2) Sensing range with 8 ms response time. Reduction with shorter response time (see tables LL3/WLL180T).
3) LL3-TX01.
4) Objects to be sensed with 90% reflectivity (based on DIN 5033 white standard). Sensing range with 8 ms response time. Reduction with shorter response time (see
tables LL3/WLL180T).
5) LL3-DK06.
6) See LL3 fiber-optic data.
7) Average service life: 100,000 h at TU = +25 °C.
Mechanics/electronics
Supply voltage
12 V DC ... 24 V DC 1)
Ripple
≤ 10 % 2)
Power consumption
≤ 50 mA 3)
Output type
PNP
Number of switching outputs
2
Switching mode
Light/dark switching
Switching mode selector
Manually selectable
Output current Imax.
≤ 100 mA
Response time
≤ 16 µs, ≤ 70 µs, ≤ 250 µs, ≤ 2,000 µs, ≤ 8,000 µs 4)
Switching frequency
31.2 kHz
7.1 kHz
2 kHz
250 Hz
62.5 Hz
Input
-
Connection type
Connector M8, 4-pin
Circuit protection
5)
6)
7)
8)
Protection class
III
Weight
20 g
Housing material
ABS/PCPlastic
Enclosure rating
IP50 9)
Items supplied
BEF-WLL180 mounting bracket
Ambient operating temperature
–25 °C ... +55 °C
Ambient storage temperature
–40 °C ... +70 °C
1) +- 10%.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Selectable.
5) A = VS connections reverse-polarity protected.
6) B = inputs and output reverse-polarity protected.
7) C = interference suppression.
8) D = outputs overcurrent and short-circuit protected.
9) With correctly attached fibre-optic cable LL3 and closed protection hood.
2017-04-06 17:11:29 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3


Similar Part No. - 6050760

ManufacturerPart #DatasheetDescription
logo
SICK AG
6050761 SICK-6050761 Datasheet
941Kb / 7P
   FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - 6050760

ManufacturerPart #DatasheetDescription
logo
SICK AG
LL3-DH03 SICK-LL3-DH03 Datasheet
210Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DA03 SICK-LL3-DA03 Datasheet
244Kb / 3P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV06 SICK-LL3-DV06 Datasheet
212Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV01 SICK-LL3-DV01 Datasheet
203Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT04 SICK-LL3-DT04 Datasheet
196Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT01 SICK-LL3-DT01 Datasheet
224Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT05 SICK-LL3-DT05 Datasheet
199Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM37450 SICK-LL3-LM37450 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM38751 SICK-LL3-LM38751 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TA01 SICK-LL3-TA01 Datasheet
344Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TB05 SICK-LL3-TB05 Datasheet
182Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com