Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WLG4S-3P3232 Datasheet(PDF) 5 Page - SICK AG

Part # WLG4S-3P3232
Description  PHOTOELECTRIC SENSORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WLG4S-3P3232 Datasheet(HTML) 5 Page - SICK AG

  WLG4S-3P3232 Datasheet HTML 1Page - SICK AG WLG4S-3P3232 Datasheet HTML 2Page - SICK AG WLG4S-3P3232 Datasheet HTML 3Page - SICK AG WLG4S-3P3232 Datasheet HTML 4Page - SICK AG WLG4S-3P3232 Datasheet HTML 5Page - SICK AG WLG4S-3P3232 Datasheet HTML 6Page - SICK AG WLG4S-3P3232 Datasheet HTML 7Page - SICK AG WLG4S-3P3232 Datasheet HTML 8Page - SICK AG WLG4S-3P3232 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
WLG4S-3P3232 | W4S-3 Glass
PHOTOELECTRIC SENSORS
Light spot size
Ø 7 mm
Ø 60 mm
Ø 25 mm
Ø 120 mm
Ø 160 mm
Distance [mm]
3,500
5,000
2,000
1,000
0
Sensing range diagram
WL4S-3, WLG4S-3, 5 m
0
1
2
5
3
Distance in m (feet)
Sensing range
Sensing range max.
0.5
0
5
4
3
2
1
1.2
1.6
0
1.3
0
2.2
2.0
0
4.0
3.0
0
5.0
0.8
4
①  Reflector PL80A
②  Reflector PL40A
③  Reflector PL20A
④  PL10F reflector
⑤  Reflective tape REF-IRF-56
2017-07-10 17:15:08 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5


Similar Part No. - WLG4S-3P3232

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3P3232H SICK-WLG4S-3P3232H Datasheet
1Mb / 7P
   Photoelectric retroreflective sensor
WLG4S-3P3232HS02 SICK-WLG4S-3P3232HS02 Datasheet
1Mb / 6P
   Photoelectric retroreflective sensor
WLG4S-3P3232HS03 SICK-WLG4S-3P3232HS03 Datasheet
1Mb / 6P
   Photoelectric retroreflective sensor
WLG4S-3P3232V SICK-WLG4S-3P3232V Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor
More results

Similar Description - WLG4S-3P3232

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com